Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC597M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC597M
Description  High Speed CMOS Logic 8-Bit Shift Register with Input Storage
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC597M Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC597M Datasheet HTML 1Page - Texas Instruments CD74HC597M Datasheet HTML 2Page - Texas Instruments CD74HC597M Datasheet HTML 3Page - Texas Instruments CD74HC597M Datasheet HTML 4Page - Texas Instruments CD74HC597M Datasheet HTML 5Page - Texas Instruments CD74HC597M Datasheet HTML 6Page - Texas Instruments CD74HC597M Datasheet HTML 7Page - Texas Instruments CD74HC597M Datasheet HTML 8Page - Texas Instruments CD74HC597M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS191
Features
• Buffered Inputs
• Asynchronous Parallel Load
• Typical fMAX = 60MHz at VCC =5V, CL = 15pF, TA =25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The Harris CD74HC597 and CD74HCT597 are high-speed
silicon gate CMOS devices that are pin-compatible with the
LSTTL 597 devices. Each device consists of an 8-flip-flop
input register and an 8-bit parallel-in/serial-in, serial-out shift
register. Each register is controlled by its own clock. A “low” on
the parallel load input (PL) shifts parallel stored data asyn-
chronously into the shift register. A “low” master input (MR)
clears the shift register. Serial input data can also be synchro-
nously shifted through the shift register when PL is high.
Pinout
CD74HC597, CD74HCT597
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
PKG.
NO.
CD74HC597E
-55 to 125
16 Ld PDIP
E16.3
CD74HCT597E
-55 to 125
16 Ld PDIP
E16.3
CD74HC597M
-55 to 125
16 Ld SOIC
M16.15
CD74HCT597M
-55 to 125
16 Ld SOIC
M16.15
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die is available which meets all electrical
specifications. Please contact your local sales office or Harris
customer service for ordering information.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
D1
D2
D3
D4
D5
D6
GND
D7
VCC
DS
PL
STCP
SHCP
MR
Q7
D0
January 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1998
File Number
1915.1
CD74HC597,
CD74HCT597
High Speed CMOS Logic
8-Bit Shift Register with Input Storage
[ /Title
(CD74
HC597
,
CD74
HCT59
7)
/Sub-
ject
(High
Speed
CMOS


Similar Part No. - CD74HC597M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC597M TI-CD74HC597M Datasheet
330Kb / 14P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD74HC597M TI-CD74HC597M Datasheet
488Kb / 18P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD74HC597M TI-CD74HC597M Datasheet
518Kb / 18P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD74HC597M TI1-CD74HC597M Datasheet
689Kb / 20P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD74HC597M TI2-CD74HC597M Datasheet
612Kb / 22P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
Revised October 2003
More results

Similar Description - CD74HC597M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC595 MOTOROLA-MC74VHC595 Datasheet
206Kb / 9P
8-Bit Shift Register with Output Storage Register
logo
NXP Semiconductors
74F597 PHILIPS-74F597 Datasheet
97Kb / 12P
8-bit shift register with input storage registers
1991 Sep 13
74F598 PHILIPS-74F598 Datasheet
115Kb / 14P
8-bit shift register with input storage registers 3-State
1991 Oct 21
logo
Fairchild Semiconductor
DM74LS299 FAIRCHILD-DM74LS299 Datasheet
65Kb / 6P
8-Input Universal Shift/Storage Register with
logo
Texas Instruments
CD54HC597 TI-CD54HC597 Datasheet
330Kb / 14P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HC597 TI-CD54HC597_07 Datasheet
488Kb / 18P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HCT299 TI-CD54HCT299_07 Datasheet
431Kb / 17P
High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
CD54HC597 TI-CD54HC597_08 Datasheet
518Kb / 18P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HC597 TI1-CD54HC597_14 Datasheet
689Kb / 20P
High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
logo
ON Semiconductor
MC74VHC595 ONSEMI-MC74VHC595_15 Datasheet
117Kb / 11P
8-Bit Shift Register with Output Storage Register
February, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com