Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC86M Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC86M
Description  High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC86M Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC86M Datasheet HTML 1Page - Texas Instruments CD74HC86M Datasheet HTML 2Page - Texas Instruments CD74HC86M Datasheet HTML 3Page - Texas Instruments CD74HC86M Datasheet HTML 4Page - Texas Instruments CD74HC86M Datasheet HTML 5Page - Texas Instruments CD74HC86M Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
-
5
-
22
-
----
pF
HCT TYPES
Propagation Delay, Input to
Output (Figure 2)
tPLH, tPHL CL = 50pF
4.5
-
-
32
-
40
-
48
ns
Propagation Delay, Data Input to
Output Y
tPLH, tPHL CL = 15pF
5
-
13
-
----
ns
Transition Times (Figure 2)
tTLH, tTHL CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
-
5
-
27
-
----
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per gate.
4. PD = VCC
2 f
i (CPD + CL) where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuits and Waveforms
FIGURE 1. HC AND HCU TRANSITION TIMES AND PROPAGA-
TION DELAY TIMES, COMBINATION LOGIC
FIGURE 2. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
CD74HC86, CD74HCT86



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com