Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC922 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDC922
Description  133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC922 Datasheet(HTML) 2 Page - Texas Instruments

  CDC922 Datasheet HTML 1Page - Texas Instruments CDC922 Datasheet HTML 2Page - Texas Instruments CDC922 Datasheet HTML 3Page - Texas Instruments CDC922 Datasheet HTML 4Page - Texas Instruments CDC922 Datasheet HTML 5Page - Texas Instruments CDC922 Datasheet HTML 6Page - Texas Instruments CDC922 Datasheet HTML 7Page - Texas Instruments CDC922 Datasheet HTML 8Page - Texas Instruments CDC922 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CDC922
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3-STATE OUTPUTS
SCAS634 –JULY 28, 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The CPU bus can operate at 100 MHz or 133 MHz. Output frequency selection is done with corresponding
setting for SEL133/100 control input. The PCI bus frequency is fixed to 33 MHz.
Since the CDC922 is based on PLL circuitry, it requires a stabilization time to achieve phase lock of the PLL.
This stabilization time is required after power up or after changes to the SEL inputs are made. With use of an
external reference clock, this signal must be fixed-frequency and fixed-phase before the stabilization time starts.
Function Tables
SELECT FUNCTIONS
INPUTS
OUTPUTS
SEL133/
100
SEL1
SEL0
CPU
CPU_DIV2
3V66
PCI
48MHz
REF
APIC
FUNCTION
L
L
L
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
3-state
L
L
H
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Reserved
L
H
L
100 MHz
50 MHz
66 MHz
33 MHz
Hi-Z
14.318 MHz
16.67 MHz
48-MHz PLL off
L
H
H
100 MHz
50 MHz
66 MHz
33 MHz
48 MHz
14.318 MHz
16.67 MHz
48-MHz PLL on
H
L
L
TCLK/2
TCLK/4
TCLK/4
TCLK/8
TCLK/2
TCLK
TCLK/16
Test
H
L
H
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Reserved
H
H
L
133 MHz
66 MHz
66 MHz
33 MHz
Hi-Z
14.318 MHz
16.67 MHz
48-MHz PLL off
H
H
H
133 MHz
66 MHz
66 MHz
33 MHz
48 MHz
14.318 MHz
16.67 MHz
48-MHz PLL on
ENABLE FUNCTIONS
INPUTS
OUTPUTS
INTERNAL
PWR_DWN
CPU
CPU_DIV2
APIC
3V66
PCI
REF,
48MHz
CRYSTAL
VCOs
L
L
L
L
L
L
L
Off
Off
H
On
On
On
On
On
On
On
On
OUTPUT BUFFER SPECIFICATIONS
BUFFER NAME
VDD RANGE
(V)
IMPEDANCE
(
Ω)
BUFFER TYPE
CPU, CPU_DIV2, APIC
2.375 – 2.625
13.5 – 45
TYPE 1
48MHz, REF
3.135 – 3.465
20 – 60
TYPE 3
PCI, 3V66
3.135 – 3.465
12 – 55
TYPE 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com