Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC922DL Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC922DL
Description  133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC922DL Datasheet(HTML) 3 Page - Texas Instruments

  CDC922DL Datasheet HTML 1Page - Texas Instruments CDC922DL Datasheet HTML 2Page - Texas Instruments CDC922DL Datasheet HTML 3Page - Texas Instruments CDC922DL Datasheet HTML 4Page - Texas Instruments CDC922DL Datasheet HTML 5Page - Texas Instruments CDC922DL Datasheet HTML 6Page - Texas Instruments CDC922DL Datasheet HTML 7Page - Texas Instruments CDC922DL Datasheet HTML 8Page - Texas Instruments CDC922DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CDC922
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3-STATE OUTPUTS
SCAS634 –JULY 28, 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
3V66 [0–2]
21–23
O
3.3 V, Type 5, 66-MHz clock outputs
48MHz
27
O
3.3 V, Type 3, 48-MHz clock output
APIC
46
O
2.5 V, Type 2, APIC clock output at 16.67 MHz
CPU [0–2]
36, 37, 40
O
2.5 V, Type 1, CPU clock outputs
CPU_DIV2
43
O
2.5 V, Type 1, CPU_DIV2 clock output
GND
6, 14, 20, 26,
33, 35, 39, 42,
45, 48
Ground for PCI, 3V66, 48MHz, CPU, CPU_DIV2, APIC, REF [0–1] outputs and CORE
PCI [0–9]
7, 8, 10–13,
15, 16, 18, 19
O
3.3 V, Type 5, 33-MHz PCI clock outputs
PWR_DWN
32
I
Power down for complete device with outputs forced low
REF0, REF1
1, 2
O
3.3 V, Type 3, 14.318-MHz reference clock outputs
SEL0, SEL1
29, 30
I
LVTTL level logic select terminals for function selection
SEL133/100
25
I
LVTTL level logic select terminal for enabling 100/133 MHz
SPREAD
31
I
Disables SSC function
VDD2.5V
38, 41, 44, 47
Power for CPU, CPU_DIV2, and APIC outputs
VDD3.3V
3, 9, 17, 24,
28, 34
Power for the REF, PCI, 3V66, 48MHz outputs and CORE
XIN
4
I
Crystal input – 14.318 MHz
XOUT
5
O
Crystal output – 14.318 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com