Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF2510PW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2510PW
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCVF2510PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCVF2510PW Datasheet HTML 2Page - Texas Instruments CDCVF2510PW Datasheet HTML 3Page - Texas Instruments CDCVF2510PW Datasheet HTML 4Page - Texas Instruments CDCVF2510PW Datasheet HTML 5Page - Texas Instruments CDCVF2510PW Datasheet HTML 6Page - Texas Instruments CDCVF2510PW Datasheet HTML 7Page - Texas Instruments CDCVF2510PW Datasheet HTML 8Page - Texas Instruments CDCVF2510PW Datasheet HTML 9Page - Texas Instruments CDCVF2510PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CDCVF2510
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS638 – DECEMBER 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 25 pF (see Note 6 and Figures 1 and 2)‡
PARAMETER
FROM
(INPUT)/CONDITION
TO
(OUTPUT)
VCC, AVCC = 3.3 V
± 0.3 V
UNIT
(INPUT)/CONDITION
(OUTPUT)
MIN
TYP
MAX
Phase error time – static
(normalized)
(see Figures 3 – 6)
CLK
↑ = 66 MHz to166 MHz
FBIN
↑
–125
125
ps
tsk(o)
Output skew time§
Any Y
Any Y
100
ps
Phase error time – jitter
(see Note 7)
CLK = 66 MHz to 166 MHz
Any Y or FBOUT
–50
50
ps
Jitter(cycle-cycle)
Any Y or FBOUT
|70|
(cycle cycle)
(see Figure 7)
CLK = 100 MHz to 166 MHz
Any Y or FBOUT
|65|
ps
Duty cycle
f(CLK) > 60 MHz
Any Y or FBOUT
45%
55%
tr
Rise time
VO = 0.4 V to 2 V
Any Y or FBOUT
0.5
2.5
ns/V
tf
Fall time
VO = 0.4 V to 2 V
Any Y or FBOUT
0.5
2.5
ns/V
tPLH(bypass mode)
Low-to-high propagation
delay time, bypass mode
CLK
Any Y or FBOUT
0.4
2.3
ns
tPHL(bypass mode)
High-to-low propagation
delay time, bypass mode
CLK
Any Y or FBOUT
0.4
2.3
ns
‡ These parameters are not production tested.
§ The tsk(o) specification is only valid for equal loading of all outputs.
NOTES:
6. The specifications for parameters in this table are applicable only after any appropriate stabilization time has elapsed.
7. Calculated per PC DRAM SPEC (tphase error, static – jitter(cycle-to-cycle)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com