Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT646ATSOC Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT646ATSOC
Description  8-Bit Registered Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT646ATSOC Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT646ATSOC Datasheet HTML 1Page - Texas Instruments CY74FCT646ATSOC Datasheet HTML 2Page - Texas Instruments CY74FCT646ATSOC Datasheet HTML 3Page - Texas Instruments CY74FCT646ATSOC Datasheet HTML 4Page - Texas Instruments CY74FCT646ATSOC Datasheet HTML 5Page - Texas Instruments CY74FCT646ATSOC Datasheet HTML 6Page - Texas Instruments CY74FCT646ATSOC Datasheet HTML 7Page - Texas Instruments CY74FCT646ATSOC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
8-Bit Registered Transceiver
CY54/74FCT646T
SCCS031 - July 1994 - Revised March 2000
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
Copyright
© 2000, Texas Instruments Incorporated
Features
• Function, pinout, and drive compatible with FCT and
F logic
• FCT-C speed at 5.4 ns max. (Com’l)
FCT-A speed at 6.3 ns max. (Com’l)
• Reduced VOH (typically = 3.3V) versions of equivalent
FCT functions
• Edge-rate control circuitry for significantly improved
noise characteristics
• Power-off disable feature permits live insertion
• Matched rise and fall times
• Fully compatible with TTL input and output logic levels
• ESD > 2000V
• Sink current
64 mA (Com’l), 48 mA (Mil)
Source current
32 mA (Com’l), 12 mA (Mil)
• Independent register for A and B buses
• Extended commercial range of
−40˚C to +85˚C
Functional Description
The FCT646T consists of a bus transceiver circuit with
three-state, D-type flip-flops, and control circuitry arranged for
multiplexed transmission of data directly from the input bus or
from the internal registers. Data on the A or B bus will be
clocked into the registers as the appropriate clock pin goes to
a HIGH logic level. Enable Control G and direction pins are
provided to control the transceiver function. In the transceiver
mode, data present at the high-impedance port may be stored
in either the A or B register, or in both. The select controls can
multiplex stored and real-time (transparent mode) data. The
direction control determines which bus will receive data when
the enable control G is Active LOW. In the isolation mode
(enable Control G HIGH), A data may be stored in the B reg-
ister and/or B data may be stored in the A register.
The outputs of the FCT646T are designed with a power-off
disable feature to allow for live insertion of boards.
Logic Block Diagram
Pin Configurations
C
D
B1
28
4
5
6
7
8
9
10
3
2
1
27
13
14
15
16
17
26
25
24
23
22
21
20
11
12
19
18
LCC
Top View
C
D
A1
TO 7 OTHER CHANNELS
SAB
CPAB
CPBA
DIR
SBA
G
VCC
CPAB
A7
A8
B6
B7
B8
CPBA
SAB
SBA
DIR
NC
NC
GND
Function Block Diagrams
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
24
23
22
21
13
14
VCC
15
QSOP, SOIC
Top View
CPAB
A1
A2
A3
A4
A5
A6
A7
A8
B1
B2
B3
B4
B5
B6
B7
B8
CPBA
SAB
SBA
DIR
G
GND
CPAB
A1
A2
A3
A4
A5
A6
A7
A8
B1
B2
B3
B4
B5
B6
B7
B8
CPBA
SAB
SBA
DIR
G
Pin Description
Name
Description
A
Data Register A Inputs, Data Register B Outputs
B
Data Register B Inputs, Data Register A Outputs
CPAB, CPBA
Clock Pulse Inputs
SAB, SBA
Output Data Source Select Inputs
DIR, G
Output Enable Inputs


Similar Part No. - CY74FCT646ATSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT646ATSOC TI1-CY74FCT646ATSOC Datasheet
725Kb / 15P
8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT646ATSOC TI2-CY74FCT646ATSOC Datasheet
283Kb / 15P
8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED OCTOBER 2001
CY74FCT646ATSOC.B TI2-CY74FCT646ATSOC.B Datasheet
283Kb / 15P
8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED OCTOBER 2001
CY74FCT646ATSOCT TI1-CY74FCT646ATSOCT Datasheet
725Kb / 15P
8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT646ATSOCT TI2-CY74FCT646ATSOCT Datasheet
283Kb / 15P
8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED OCTOBER 2001
More results

Similar Description - CY74FCT646ATSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY29FCT52T TI-CY29FCT52T Datasheet
264Kb / 10P
8-Bit Registered Transceiver
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
8-Bit Latched Registered Transceiver
CY74FCT2646T TI-CY74FCT2646T Datasheet
51Kb / 7P
8-Bit Registered Transceiver
CY74FCT2652T TI-CY74FCT2652T Datasheet
52Kb / 7P
8-Bit Registered Transceiver
CY74FCT652T TI-CY74FCT652T Datasheet
63Kb / 7P
8-Bit Registered Transceiver
logo
Fairchild Semiconductor
29F52 FAIRCHILD-29F52 Datasheet
69Kb / 8P
8-Bit Registered Transceiver
V320 FAIRCHILD-V320 Datasheet
648Kb / 10P
V320 8-Bit Registered Bus Transceiver
logo
Cypress Semiconductor
CY54FCT543T CYPRESS-CY54FCT543T Datasheet
140Kb / 8P
8-Bit Latched Registered Transceiver
logo
Texas Instruments
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com