Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT841ATSOC Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT841ATSOC
Description  10-Bit Latch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT841ATSOC Datasheet(HTML) 3 Page - Texas Instruments

  CY74FCT841ATSOC Datasheet HTML 1Page - Texas Instruments CY74FCT841ATSOC Datasheet HTML 2Page - Texas Instruments CY74FCT841ATSOC Datasheet HTML 3Page - Texas Instruments CY74FCT841ATSOC Datasheet HTML 4Page - Texas Instruments CY74FCT841ATSOC Datasheet HTML 5Page - Texas Instruments CY74FCT841ATSOC Datasheet HTML 6Page - Texas Instruments CY74FCT841ATSOC Datasheet HTML 7Page - Texas Instruments CY74FCT841ATSOC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CY54/74FCT841T
3
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
VOH
Output HIGH Voltage
VCC= Min., IOH = −32 mA
Com’l
2.0
V
VCC= Min., IOH = −15 mA
Com’l
2.4
3.3
V
VCC= Min., IOH = −12 mA
Mil
2.4
3.3
V
VOL
Output LOW Voltage
VCC= Min., IOL = 64 mA
Com’l
0.3
0.55
V
VCC= Min., IOL = 32 mA
Mil
0.3
0.55
V
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VH
Hysteresis[6]
All inputs
0.2
V
VIK
Input Clamp Diode Voltage
VCC= Min., IIN= −18 mA
−0.7
−1.2
V
II
Input HIGH Current
VCC= Max., VIN= VCC
5
µA
IIH
Input HIGH Current
VCC= Max., VIN= 2.7V
±1
µA
IIL
Input LOW Current
VCC= Max., VIN= 0.5V
±1
µA
IOZH
Off State HIGH-Level Output
Current
VCC = Max., VOUT = 2.7V
10
µA
IOZL
Off State LOW-Level
Output Current
VCC = Max., VOUT = 0.5V
−10
µA
IOS
Output Short Circuit Current[7]
VCC = Max., VOUT = 0.0V
−60
−120
−225
mA
IOFF
Power-Off Disable
VCC = 0V, VOUT = 4.5V
±1
µA
Capacitance[6]
Parameter
Description
Typ.[5]
Max.
Unit
CIN
Input Capacitance
5
10
pF
COUT
Output Capacitance
9
12
pF
Notes:
5.
Typical values are at VCC=5.0V, TA=+25˚C ambient.
6.
This parameter is specified but not tested.
7.
Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or sample
and hold techniques are preferable in order to minimize internal chip heating and more accurately reflect operational values. Otherwise prolonged shorting of
a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parametric tests. In any sequence of parameter
tests, IOS tests should be performed last.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com