Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT573ATPC Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT573ATPC
Description  8-Bit Latches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT573ATPC Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT573ATPC Datasheet HTML 1Page - Texas Instruments CY74FCT573ATPC Datasheet HTML 2Page - Texas Instruments CY74FCT573ATPC Datasheet HTML 3Page - Texas Instruments CY74FCT573ATPC Datasheet HTML 4Page - Texas Instruments CY74FCT573ATPC Datasheet HTML 5Page - Texas Instruments CY74FCT573ATPC Datasheet HTML 6Page - Texas Instruments CY74FCT573ATPC Datasheet HTML 7Page - Texas Instruments CY74FCT573ATPC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
8-Bit Latches
CY54/74FCT373T
CY54/74FCT573T
SCCS021 - May 1994 - Revised February 2000
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
Copyright
© 2000, Texas Instruments Incorporated
Features
• Function and pinout compatible with FCT, and F logic
• FCT-C speed at 4.2 ns max. (Com’l),
FCT-A speed at 5.2 ns max. (Com’l)
• Reduced VOH (typically = 3.3V) versions of equivalent
FCT functions
• Edge-rate control circuitry for significantly improved
noise characteristics
• Power-off disable feature
• ESD > 2000V
• Matched rise and fall times
• Extended commercial range of
−40˚C to +85˚C
• Fully compatible with TTL input and output logic levels
• Sink current
64 mA (Com’l), 32 mA (Mil)
Source current 32 mA (Com’l), 12 mA (Mil)
Functional Description
The FCT373T and FCT573T consist of eight latches with
three-state outputs for bus organized applications. When latch
enable (LE) is HIGH, the flip-flops appear transparent to the
data. Data that meets the required set-up times are latched
when LE transitions from HIGH to LOW. Data appears on the
bus when the (OE) is LOW. When output enable is HIGH, the
bus output is in the impedance state. In this mode, data may
be entered into the latches. The FCT573T is identical to the
FCT373T except for the flow-through pinout, which simplifies
board design.
The outputs are designed with a power-off disable feature to
allow for live insertion of boards.
Logic Block Diagram
Pin Configurations
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
13
14
VCC
15
DIP/SOIC/QSOP
Top View
O0
D0
D1
O2
D2
D3
O3
D7
D6
O6
O5
D5
D4
O4
LE
OE
GND
O7
O1
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
13
14
VCC
15
DIP/SOIC/QSOP
Top View
D0
D1
D2
D4
D5
D6
D7
O1
O2
O3
O4
O5
O6
O7
LE
OE
GND
O0
D3
LE
OE
D0
O0
D1
O1
D2
O2
D3
O3
D4
O4
D5
O5
D6
O6
D7
O7
CP
D
Q
O0
D0
LE
OE
CP
D
Q
O1
D1
CP
D
Q
O2
D2
CP
D
Q
O3
D3
CP
D
Q
O4
D4
CP
D
Q
O5
D5
CP
D
Q
O6
D6
CP
D
Q
O7
D7
FCT373T
FCT573T
Logic Symbol


Similar Part No. - CY74FCT573ATPC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT573ATPC TI-CY74FCT573ATPC Datasheet
311Kb / 12P
8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT573ATPC TI1-CY74FCT573ATPC Datasheet
687Kb / 12P
8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT573ATPC TI2-CY74FCT573ATPC Datasheet
248Kb / 13P
8-BIT LATCHES WITH 3-STATE OUTPUTS
OCTOBER 2001
CY74FCT573ATPC.B TI2-CY74FCT573ATPC.B Datasheet
248Kb / 13P
8-BIT LATCHES WITH 3-STATE OUTPUTS
OCTOBER 2001
More results

Similar Description - CY74FCT573ATPC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B Datasheet
184Kb / 8P
8-Bit Addressable Latches
March, 2000 ??Rev. 3
logo
Texas Instruments
CY74FCT2373T TI-CY74FCT2373T Datasheet
56Kb / 6P
8-Bit Latches
SN54HC259 TI-SN54HC259 Datasheet
134Kb / 9P
8-BIT ADDRESSABLE LATCHES
SN74100 TI-SN74100 Datasheet
127Kb / 3P
8-BIT BISTABLE LATCHES
logo
National Semiconductor ...
DM74259 NSC-DM74259 Datasheet
166Kb / 3P
8-Bit Addressable Latches
logo
Texas Instruments
SN74HC4724 TI-SN74HC4724 Datasheet
126Kb / 5P
8-BIT ADDRESSABLE LATCHES
SNJ54HC259 TI-SNJ54HC259 Datasheet
519Kb / 16P
8-BIT ADDRESSABLE LATCHES
logo
NEC
UPB8282 NEC-UPB8282 Datasheet
163Kb / 3P
8-BIT LATCHES
logo
Texas Instruments
CY74FCT2373T TI1-CY74FCT2373T_16 Datasheet
858Kb / 15P
8-Bit Latches
SN54259 TI1-SN54259_10 Datasheet
375Kb / 7P
8-BIT ADDRESSABLE LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com