Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT573ATSOC Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT573ATSOC
Description  8-Bit Latches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT573ATSOC Datasheet(HTML) 3 Page - Texas Instruments

  CY74FCT573ATSOC Datasheet HTML 1Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 2Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 3Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 4Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 5Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 6Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 7Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CY54/74FCT373T
CY54/74FCT573T
3
Capacitance[6]
Parameter
Description
Typ.[5]
Max.
Unit
CIN
Input Capacitance
6
10
pF
COUT
Output Capacitance
8
12
pF
Power Supply Characteristics
Parameter
Description
Test Conditions
Typ.[5]
Max.
Unit
ICC
Quiescent Power Supply Current
VCC=Max., VIN ≤ 0.2V, VIN ≥ VCC – 0.2V
0.1
0.2
mA
∆I
CC
Quiescent Power Supply Current
(TTL inputs HIGH)
VCC=Max., VIN=3.4V, f1=0, Outputs Open
[8]
0.5
2.0
mA
ICCD
Dynamic Power Supply Current[9]
VCC=Max., One Input Toggling,
50% Duty Cycle, Outputs Open,
OE=GND, VIN ≤ 0.2V or VIN ≥ VCC – 0.2V
0.6
0.12
mA/MHz
IC
Total Power Supply Current[10]
VCC=Max., 50% Duty Cycle, Outputs Open,
One Bit Toggling at f1=10 MHz,
OE=GND, LE=VCC
VIN ≤ 0.2V or VIN ≥ VCC – 0.2V
0.7
1.4
mA
VCC=Max., 50% Duty Cycle, Outputs Open,
One Bit Toggling at f1=10 MHz,
OE=GND, LE=VCC, VIN=3.4V or VIN=GND
1.0
2.4
mA
VCC=Max., 50% Duty Cycle, Outputs Open,
Eight Bits Toggling at f1=2.5 MHz,
OE=GND, LE=VCC,
VIN ≤ 0.2V or VIN ≥ VCC – 0.2V
1.3
2.6[11]
mA
VCC=Max., 50% Duty Cycle, Outputs Open,
Eight Bits Toggling at f1=2.5 MHz,
OE=GND, LE=VCCVIN=3.4V or VIN=GND
3.3
10.6[11]
mA
Notes:
8.
Per TTL driven input (VIN=3.4V); all other inputs at VCC or GND.
9.
This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
10. IC
=IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0/2 + f1N1)
ICC
= Quiescent Current with CMOS input levels
∆I
CC = Power Supply Current for a TTL HIGH input (VIN=3.4V)
DH
= Duty Cycle for TTL inputs HIGH
NT
= Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.
11. Values for these conditions are examples of the ICC formula. These limits are specified but not tested.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com