Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT163952APVC Datasheet(PDF) 2 Page - Texas Instruments

Part # CY74FCT163952APVC
Description  16-Bit Registered Transceivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT163952APVC Datasheet(HTML) 2 Page - Texas Instruments

  CY74FCT163952APVC Datasheet HTML 1Page - Texas Instruments CY74FCT163952APVC Datasheet HTML 2Page - Texas Instruments CY74FCT163952APVC Datasheet HTML 3Page - Texas Instruments CY74FCT163952APVC Datasheet HTML 4Page - Texas Instruments CY74FCT163952APVC Datasheet HTML 5Page - Texas Instruments CY74FCT163952APVC Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CY74FCT163952
CY74FCT163H952
2
Maximum Ratings[5, 6]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ..................................–55
°C to +125°C
Ambient Temperature with
Power Applied .............................................–55
°C to +125°C
Supply Voltage Range......................................0.5V to +4.6V
DC Input Voltage ............................................–0.5V to +7.0V
DC Output Voltage .........................................–0.5V to +7.0V
DC Output Current
(Maximum Sink Current/Pin) ........................ –60 to +120 mA
Power Dissipation.......................................................... 1.0W
Pin Description
Name
Description
OEAB
A-to-B Output Enable Input (Active LOW)
OEBA
B-to-A Output Enable Input (Active LOW)
CEAB
A-to-B Clock Enable Input (Active LOW)
CEBA
B-to-A Clock Enable Input (Active LOW)
CLKAB
A-to-B Clock Input
CLKBA
B-to-A Clock Input
A
A-to-B Data Inputs or B-to-A Three-State
Outputs[1]
B
B-to-A Data Inputs or A-to-B Three-State
Outputs[1]
Function Table[2, 3]
For A-to-B (Symmetric with B-to-A)
Inputs
Outputs
CEAB
CLKAB
OEAB
A
B
H
X
L
X
B[4]
X
L
L
X
B[4]
L
L
L
L
L
L
H
H
X
X
H
X
Z
Operating Range
Range
Ambient
Temperature
VCC
Industrial
–40
°C to +85°C
2.7V to 3.6V
Electrical Characteristics for Non Bus Hold Devices Over the Operating Range VCC=2.7V to 3.6V
Parameter
Description
Test Conditions
Min.
Typ.[7]
Max.
Unit
VIH
Input HIGH Voltage
All Inputs
2.0
5.5
V
VIL
Input LOW Voltage
0.8
V
VH
Input Hysteresis[8]
100
mV
VIK
Input Clamp Diode Voltage
VCC=Min., IIN=–18 mA
–0.7
–1.2
V
IIH
Input HIGH Current
VCC=Max., VI=5.5
±1
µA
IIL
Input LOW Current
VCC=Max., VI=GND
±1
µA
IOZH
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=5.5V
±1
µA
IOZL
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=GND
±1
µA
IOS
Short Circuit Current[9]
VCC=Max., VOUT=GND
–60
–135
–240
mA
IOFF
Power-Off Disable
VCC=0V, VOUT≤4.5V
±100
µA
ICC
Quiescent Power Supply Current
VIN≤0.2V,
VIN>VCC–0.2V
VCC=Max.
0.1
10
µA
∆I
CC
Quiescent Power Supply Current
(TTL inputs HIGH)
VIN=VCC–0.6V
[10]
VCC=Max.
2.0
30
µA
Notes:
1.
On the CY74FCT163H952, these pins have bus hold.
2.
A-to-B data flow is shown: B-to-A data flow is similar but uses, CEBA, CLKBA, and OEBA.
3.
H = HIGH Voltage Level. L = LOW Voltage Level. X = Don’t Care.
= LOW-to-HIGH Transition. Z = HIGH Impedance.
4.
Level of B before the indicated steady-state input conditions were established.
5.
Operation beyond the limits set forth may impair the useful life of the device. Unless otherwise noted, these limits are over the operating free-air temperature.
6.
With the exception of inputs with bus hold, unused inputs must always be connected to an appropriate logic voltage level, preferably either VCC or ground,
7.
Typical values are at VCC=3.3V, TA = +25˚C ambient.
8.
This parameter is specified but not tested.
9.
Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or sample
and hold techniques are preferable in order to minimize internal chip heating and more accurately reflect operational values. Otherwise prolonged shorting of
a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parametric tests. In any sequence of parameter
tests, IOS tests should be performed last.
10. Per TTL driven input; all other inputs at VCC or GND.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com