Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT162500CTPVC Datasheet(PDF) 4 Page - Texas Instruments

Part # CY74FCT162500CTPVC
Description  18-Bit Registered Transceivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT162500CTPVC Datasheet(HTML) 4 Page - Texas Instruments

  CY74FCT162500CTPVC Datasheet HTML 1Page - Texas Instruments CY74FCT162500CTPVC Datasheet HTML 2Page - Texas Instruments CY74FCT162500CTPVC Datasheet HTML 3Page - Texas Instruments CY74FCT162500CTPVC Datasheet HTML 4Page - Texas Instruments CY74FCT162500CTPVC Datasheet HTML 5Page - Texas Instruments CY74FCT162500CTPVC Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CY74FCT16500T
CY74FCT162500T
4
Switching Characteristics Over the Operating Range[15]
CY74FCT162500AT
CY74FCT16500CT/
CY74FCT162500CT
Fig.
No.[16]
Parameter
Description
Min.
Max.
Min.
Max.
Unit
fMAX
CLKAB or CLKBA frequency
150
150
MHz
tPLH
tPHL
Propagation Delay
A to B or B to A
1.5
5.1
1.5
4.6
ns
1, 3
tPLH
tPHL
Propagation Delay
LEBA to A, LEAB to B
1.5
5.6
1.5
5.3
ns
1, 5
tPLH
tPHL
Propagation Delay
CLKBA to A, CLKAB to B
1.5
5.6
1.5
5.3
ns
1, 5
tPZH
tPZL
Output Enable Time
OEBA to A, OEAB to B
1.5
6.0
1.5
5.4
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
OEBA to A, OEAB to B
1.5
5.6
1.5
5.2
ns
1, 7, 8
tSU
Set-Up Time, HIGH or LOW
A to CLKAB, B to CLKBA
3.0
3.0
ns
9
tH
Hold Time, HIGH or LOW
A to CLKAB, B to CLKBA
0
0
ns
9
tSU
Set-Up Time, HIGH or LOW
A to LEAB, B to LEBA
Clock HIGH
3.0
3.0
ns
4
Clock LOW
1.5
1.5
ns
4
tH
Hold Time, HIGH or LOW
A to LEAB, B to LEBA
1.5
1.5
ns
4
tW
LEAB or LEBA Pulse Width HIGH
3.0
2.5
ns
5
tW
CLKAB or CLKBA Pulse Width HIGH or LOW
3.0
3.0
ns
5
tSK(O)
Output Skew[17]
0.5
0.5
ns
Ordering Information CY74FCT16500T
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
4.6
CY74FCT16500CTPACT
Z56
56-Lead (240-Mil) TSSOP
Industrial
CY74FCT16500CTPVC/PVCT
O56
56-Lead (300-Mil) SSOP
Ordering Information CY74FCT162500T
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
4.6
CY74FCT162500CTPVC
O56
56-Lead (300-Mil) SSOP
Industrial
74FCT162500CTPVCT
O56
56-Lead (300-Mil) SSOP
5.1
CT74FCT162500ATPVC
O56
56-Lead (300-Mil) SSOP
Industrial
74FCT162500ATPVCT
O56
56-Lead (300-Mil) SSOP
Notes:
15. Minimum limits are specified but not tested on Propagation Delays.
16. See “Parameter Measurement Information” in the General Information section.
17. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com