Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT16373ATPVC Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT16373ATPVC
Description  16-Bit Latches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT16373ATPVC Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT16373ATPVC Datasheet HTML 1Page - Texas Instruments CY74FCT16373ATPVC Datasheet HTML 2Page - Texas Instruments CY74FCT16373ATPVC Datasheet HTML 3Page - Texas Instruments CY74FCT16373ATPVC Datasheet HTML 4Page - Texas Instruments CY74FCT16373ATPVC Datasheet HTML 5Page - Texas Instruments CY74FCT16373ATPVC Datasheet HTML 6Page - Texas Instruments CY74FCT16373ATPVC Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
16-Bit Latches
CY74FCT16373T
CY74FCT162373T
SCCS054 - August 1994 - Revised March 2000
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
Copyright
© 2000, Texas Instruments Incorporated
Features
• FCT-E speed at 3.4 ns
• Power-off disable outputs permits live insertion
• Edge-rate control circuitry for significantly improved
noise characteristics
• Typical output skew < 250 ps
• ESD > 2000V
• TSSOP (19.6-mil pitch) and SSOP (25-mil pitch)
packages
• Industrial temperature range of
−40˚C to +85˚C
•VCC = 5V ± 10%
CY74FCT16373T Features:
• 64 mA sink current, 32 mA source current
• Typical VOLP (ground bounce) <1.0V at VCC = 5V,
TA = 25˚C
CY74FCT162373T Features:
• Balanced 24 mA output drivers
• Reduced system switching noise
• Typical VOLP (ground bounce) <0.6V at VCC = 5V,
TA= 25˚C
Functional Description
CY74FCT16373T and CY74FCT162373T are 16-bit D-type
latches designed for use in bus applications requiring high
speed and low power. These devices can be used as two
independent 8-bit latches or as a single 16-bit latch by
connecting the Output Enable (OE) and Latch (LE) inputs.
Flow-through pinout and small shrink packaging aid in
simplifying board layout. The output buffers are designed with
power-off disable feature that allows live insertion of boards.
The
CY74FCT16373T
is
ideally
suited
for
driving
high-capacitance loads and low-impedance backplanes.
The CY74FCT162373T has 24-mA balanced output drivers
with current limiting resistors in the outputs. This reduces the
need for external terminating resistors and provides for
minimal undershoot and reduced ground bounce. The
CY74FCT162373T is ideal for driving transmission lines.
Logic Block Diagrams
Pin Configuration
D
C
1OE
FCT162373-1
1LE
1D1
1O1
TO 7 OTHER CHANNELS
D
C
2OE
FCT162373-2
2LE
2D1
2O1
GND
1
2
3
4
5
6
7
8
9
10
11
12
33
32
31
30
29
25
26
27
28
36
35
1OE
34
SSOP/TSSOP
Top View
13
14
15
16
17
18
19
20
21
22
23
24
45
44
43
42
41
37
38
39
40
48
47
46
1O1
1O2
1O3
1O4
1D1
1D2
1D3
1D4
1LE
GND
GND
VCC
1O7
1O8
1O5
1O6
1D5
1D6
1D7
1D8
VCC
GND
GND
2O3
2O4
2O1
2O2
2D1
2D2
2D3
2D4
GND
GND
VCC
2O7
2O8
2O5
2O6
2D5
2D6
2D7
2D8
VCC
GND
2OE
2LE
FCT162373-3
TO 7 OTHER CHANNELS


Similar Part No. - CY74FCT16373ATPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16373ATPVC TI1-CY74FCT16373ATPVC Datasheet
697Kb / 13P
16-Bit Latches
CY74FCT16373ATPVC/PVCT TI1-CY74FCT16373ATPVC/PVCT Datasheet
697Kb / 13P
16-Bit Latches
CY74FCT16373ATPVCT TI1-CY74FCT16373ATPVCT Datasheet
697Kb / 13P
16-Bit Latches
More results

Similar Description - CY74FCT16373ATPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY5474FCT373T TI-CY5474FCT373T Datasheet
81Kb / 8P
8-Bit Latches
CY74FCT16841T TI-CY74FCT16841T Datasheet
60Kb / 6P
20-Bit Latches
logo
Toshiba Semiconductor
TB62716F TOSHIBA-TB62716F Datasheet
455Kb / 12P
16 BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Integrated Device Techn...
IDT74FCT16373T IDT-IDT74FCT16373T Datasheet
121Kb / 8P
FAST CMOS 16-BIT TRANSPARENT LATCHES
logo
Pericom Semiconductor C...
PI74FCT162373 PERICOM-PI74FCT162373 Datasheet
67Kb / 7P
Fast CMOS 16-Bit Transparent Latches
logo
Maxwell Technologies
54LVTH162373 MAXWELL-54LVTH162373 Datasheet
205Kb / 10P
3.3V 16-Bit Transparent D-Type Latches
logo
NEC
UPB8282 NEC-UPB8282 Datasheet
163Kb / 3P
8-BIT LATCHES
logo
Texas Instruments
CY74FCT2373T TI1-CY74FCT2373T_16 Datasheet
858Kb / 15P
8-Bit Latches
CY74FCT16373T TI1-CY74FCT16373T_15 Datasheet
697Kb / 13P
16-Bit Latches
CY74FCT16841T TI1-CY74FCT16841T_15 Datasheet
1Mb / 20P
20-Bit Latches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com