Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT16823CTPVC Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT16823CTPVC
Description  18-Bit Registers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT16823CTPVC Datasheet(HTML) 4 Page - Texas Instruments

  CY74FCT16823CTPVC Datasheet HTML 1Page - Texas Instruments CY74FCT16823CTPVC Datasheet HTML 2Page - Texas Instruments CY74FCT16823CTPVC Datasheet HTML 3Page - Texas Instruments CY74FCT16823CTPVC Datasheet HTML 4Page - Texas Instruments CY74FCT16823CTPVC Datasheet HTML 5Page - Texas Instruments CY74FCT16823CTPVC Datasheet HTML 6Page - Texas Instruments CY74FCT16823CTPVC Datasheet HTML 7Page - Texas Instruments CY74FCT16823CTPVC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CY74FCT16823T
CY74FCT162823T
4
Power Supply Characteristics
Parameter
Description
Test Conditions[10]
Min.
Typ.[5]
Max.
Unit
ICC
Quiescent Power Supply
Current
VCC=Max.
VIN<0.2V
VIN>VCC−0.2V
—
5
500
µA
∆I
CC
Quiescent Power Supply
Current (TTL inputs HIGH)
VCC=Max.
VIN=3.4V
[11]
—
0.5
1.5
mA
ICCD
Dynamic Power Supply
Current[12]
VCC=Max.,
One Input Toggling,
50% Duty Cycle,
Outputs Open,
OE=CLKEN=GND
VIN=VCC or
VIN=GND
—
75
120
µA/
MHz
IC
Total Power Supply Current[13]
VCC=Max.,
f0=10 MHz,
50% Duty Cycle,
Outputs Open,
One Bit Toggling,
OE=CLKEN=GND
at f1=5 MHz
VIN=VCC or
VIN=GND
—
0.8
1.7
mA
VIN=3.4V or
VIN=GND
—
1.3
3.2
VCC=Max.,
at f1=2.5 MHz,
50% Duty Cycle,
Outputs Open,
Eighteen Bits Toggling,
OE=CLKEN=GND
f0=10 MHz
VIN=VCC or
VIN=GND
—
4.2
7.1[14]
VIN=3.4V or
VIN=GND
—
9.2
22.1[14]
Notes:
10. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
11. Per TTL driven input (VIN=3.4V); all other inputs at VCC or GND.
12. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
13. IC
=IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0/2 + f1N1)
ICC
=
Quiescent Current with CMOS input levels
∆I
CC
=
Power Supply Current for a TTL HIGH input (VIN=3.4V)
DH
=
Duty Cycle for TTL inputs HIGH
NT
=
Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair (HLH or LHL)
f0
=
Clock frequency for registered devices, otherwise zero
f1
=
Input signal frequency
N1
=
Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.
14. Values for these conditions are examples of the ICC formula. These limits are specified but not tested.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com