Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT16952ATPVC Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT16952ATPVC
Description  16-Bit Registered Transceivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT16952ATPVC Datasheet(HTML) 5 Page - Texas Instruments

  CY74FCT16952ATPVC Datasheet HTML 1Page - Texas Instruments CY74FCT16952ATPVC Datasheet HTML 2Page - Texas Instruments CY74FCT16952ATPVC Datasheet HTML 3Page - Texas Instruments CY74FCT16952ATPVC Datasheet HTML 4Page - Texas Instruments CY74FCT16952ATPVC Datasheet HTML 5Page - Texas Instruments CY74FCT16952ATPVC Datasheet HTML 6Page - Texas Instruments CY74FCT16952ATPVC Datasheet HTML 7Page - Texas Instruments CY74FCT16952ATPVC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CY74FCT16952T
CY74FCT162952T
CY74FCT162H952T
5
Switching Characteristics Over the Operating Range[17]
CY74FCT16952AT
CY74FCT162952AT
CY74FCT162H952AT
CY74FCT162952BT
Parameter
Description
Min.
Max.
Min.
Max.
Unit
Fig. No.[18]
tPLH
tPHL
Propagation Delay
CLKAB, CLKBA to B, A
2.0
10.0
2.0
7.5
ns
1, 5
tPZH
tPZL
Output Enable Time
OEBA, OEAB to A, B
1.5
10.5
1.5
8.0
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
OEBA, OEAB to A, B
1.5
10.0
1.5
7.5
ns
1, 7, 8
tSU
Set-Up Time, HIGH or LOW
A, B to CLKAB, CLKBA
2.5
—
2.5
—
ns
4
tH
Hold Time, HIGH or LOW
A, B to CLKAB, CLKBA
2.0
—
1.5
—
ns
4
tSU
Set-Up Time, HIGH or LOW
CEAB, CEBA to CLKAB, CLKBA
3.0
—
3.0
—
ns
4
tH
Hold Time, HIGH or LOW
CEAB, CEBA to CLKAB, CLKBA
2.0
—
2.0
—
ns
4
tW
Pulse Width HIGH or LOW
CLKAB or CLKBA[19]
3.0
—
3.0
—
ns
5
tSK(O)
Output Skew[20]
—
0.5
—
0.5
ns
—
CY74FCT16952CT
CY74FCT162H952CT
CY74FCT16952ET
CY74FCT162952ET
CY74FCT162H952ET
Parameter
Description
Min.
Max.
Min.
Max.
Unit
Fig. No.[18]
tPLH
tPHL
Propagation Delay
CLKAB, CLKBA to B, A
2.0
6.3
1.5
3.7
ns
1, 5
tPZH
tPZL
Output Enable Time
OEBA, OEAB to A, B
1.5
7.0
1.5
4.4
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
OEBA, OEAB to A, B
1.5
6.5
1.5
3.6
ns
1, 7, 8
tSU
Set-Up Time, HIGH or LOW
A, B to CLKAB, CLKBA
2.5
—
1.5
—
ns
4
tH
Hold Time, HIGH or LOW
A, B to CLKAB, CLKBA
1.5
—
0
—
ns
4
tSU
Set-Up Time, HIGH or LOW
CEAB, CEBA to CLKAB, CLKBA
3.0
—
2.0
—
ns
4
tH
Hold Time, HIGH or LOW
CEAB, CEBA to CLKAB, CLKBA
2.0
—
0
—
ns
4
tW
Pulse Width HIGH or LOW
CLKAB or CLKBA[19]
3.0
—
3.0
—
ns
5
tSK(O)
Output Skew[20]
—
0.5
—
0.5
ns
—
Notes:
17. Minimum limits are specified but not tested on Propagation Delays.
18. See “Parameter Measurement Information” in the General Information section.
19. This parameter is specified but not tested.
20. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com