Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD75232 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # GD75232
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GD75232 Datasheet(HTML) 9 Page - Texas Instruments

Back Button GD75232 Datasheet HTML 4Page - Texas Instruments GD75232 Datasheet HTML 5Page - Texas Instruments GD75232 Datasheet HTML 6Page - Texas Instruments GD75232 Datasheet HTML 7Page - Texas Instruments GD75232 Datasheet HTML 8Page - Texas Instruments GD75232 Datasheet HTML 9Page - Texas Instruments GD75232 Datasheet HTML 10Page - Texas Instruments GD75232 Datasheet HTML 11Page - Texas Instruments GD75232 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
GD75232
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS206C – MAY 1995 – REVISED JULY 1998
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
DRIVER SECTION
Figure 7
VOLTAGE TRANSFER CHARACTERISTICS
VDD = 6 V, VSS = – 6 V
9
6
3
0
–3
–6
–9
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
–12
2
12
VI – Input Voltage – V
0
VDD = 12 V, VSS = – 12 V
VDD = 9 V, VSS = – 9 V
RL = 3 kΩ
TA = 25°C
Figure 8
OUTPUT CURRENT
vs
OUTPUT VOLTAGE
VOH(VI = 0.8 V)
VSS = – 9 V
16
12
8
4
0
–4
–8
–12
–16
12
8
4
0
–4
–8
–12
–20
16
20
VO – Output Voltage – V
–16
VOL(VI = 1.9 V)
3-k
Ω
VDD = 9 V
TA = 25°C
Load Line
Figure 9
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
VO = 0
VSS = – 9 V
70
60
50
40
30
20
10
9
6
3
0
–3
–6
–9
–12
12
TA – Free-Air Temperature – °C
0
VDD = 9 V
IOS(H) (VI = 0.8 V)
IOS(L) (VI = 1.9 V)
SLEW RATE
vs
LOAD CAPACITANCE
Figure 10
TA = 25°C
RL = 3 kΩ
VSS = – 9 V
VDD = 9 V
100
10
1000
100
1
10000
1000
CL – Load Capacitance – pF
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com