Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD75232DB Datasheet(PDF) 11 Page - Texas Instruments

Part # GD75232DB
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GD75232DB Datasheet(HTML) 11 Page - Texas Instruments

Back Button GD75232DB Datasheet HTML 4Page - Texas Instruments GD75232DB Datasheet HTML 5Page - Texas Instruments GD75232DB Datasheet HTML 6Page - Texas Instruments GD75232DB Datasheet HTML 7Page - Texas Instruments GD75232DB Datasheet HTML 8Page - Texas Instruments GD75232DB Datasheet HTML 9Page - Texas Instruments GD75232DB Datasheet HTML 10Page - Texas Instruments GD75232DB Datasheet HTML 11Page - Texas Instruments GD75232DB Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
GD75232
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS206C – MAY 1995 – REVISED JULY 1998
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Diodes placed in series with the VDD and VSS leads protect the GD75232 in the fault condition in which the device
outputs are shorted to
±15 V and the power supplies are at low and provide low-impedance paths to ground (see
Figure 15).
VDD
VSS
±15 V
Output
VDD
VSS
GD75232
GD75232
Figure 15. Power-Supply Protection to Meet Power-Off Fault Conditions of TIA/EIA-232-F
11
12
13
14
15
16
17
18
19
20
GND
RY5
DA3
RY4
DA2
DA1
RY3
RY2
RY1
VCC
VSS
RA5
DY3
RA4
DY2
DY1
RA3
RA2
RA1
VDD
10
9
8
7
6
5
4
3
2
1
43
37
40
13
36
11
41
42
RI
DTR
CTS
SO
RTS
SI
DSR
DCD
RI
DTR
CTS
TX
RTS
RX
DSR
DCD
GD75232
5 V
TL16C450
ACE
1
5
6
9
12 V
– 12 V
TIA/EIA-232-F
DB9S
Connector
C1
C3
C2
Figure 16. Typical Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com