Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4549 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2SC4549
Description  Silicon NPN Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC4549 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SC4549 Datasheet HTML 1Page - Savantic, Inc. 2SC4549 Datasheet HTML 2Page - Savantic, Inc. 2SC4549 Datasheet HTML 3Page - Savantic, Inc. 2SC4549 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC4549
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=3A; IB=0.3A,L=1mH
60
V
VCEsat-1
Collector-emitter saturation voltage
IC=3A; IB=0.15 A
0.3
V
VCEsat-2
Collector-emitter saturation voltage
IC=4A; IB=0.2A
0.5
V
VBEsat-1
Base-emitter saturation voltage
IC=3A; IB=0.15 A
1.2
V
VBEsat-2
Base-emitter saturation voltage
IC=4A; IB=0.2A
1.5
V
ICBO
Collector cut-off current
VCB=60V; IE=0
10
µA
ICEX
Collector cut-off current
VCE=60V; VBE=-1.5V
Ta=125
10
1.0
µA
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
10
µA
hFE-1
DC current gain
IC=0.5A ; VCE=2V
100
hFE-2
DC current gain
IC=1A ; VCE=2V
100
200
400
hFE-3
DC current gain
IC=3A ; VCE=2V
60
COB
Output capacitance
IE=0; VCB=10V;f=1MHz
70
pF
fT
Transition frequency
IC=0.5A ; VCE=10V
150
MHz
Switching times
ton
Turn-on time
0.3
µs
ts
Storage time
1.5
µs
tf
Fall time
IC=3A;RL=17B
IB1=-IB2=0.15A
VCCC50V
0.3
µs
hFE-2 classifications
M
L
K
100-200
150-300
200-400



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com