Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM337KC Datasheet(PDF) 5 Page - Texas Instruments

Part # LM337KC
Description  3-TERMINAL ADJUSTABLE REGULATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM337KC Datasheet(HTML) 5 Page - Texas Instruments

  LM337KC Datasheet HTML 1Page - Texas Instruments LM337KC Datasheet HTML 2Page - Texas Instruments LM337KC Datasheet HTML 3Page - Texas Instruments LM337KC Datasheet HTML 4Page - Texas Instruments LM337KC Datasheet HTML 5Page - Texas Instruments LM337KC Datasheet HTML 6Page - Texas Instruments LM337KC Datasheet HTML 7Page - Texas Instruments LM337KC Datasheet HTML 8Page - Texas Instruments LM337KC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LM237, LM337
3-TERMINAL ADJUSTABLE REGULATORS
SLVS047G – NOVEMBER 1981 – REVISED SEPTEMBER 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
C1
+
C2
R1
R2
+
INPUT
OUTPUT
ADJUSTMENT
LM237
or
LM337
VO
VI
C1 is a 1-
µF solid tantalum capacitor required only if the regulator is more than 10 cm (4 in) from the power-supply filter capacitor.
C2 is a 1-
µF solid tantalum or 10-µF aluminum electrolytic capacitor required for stability.
R2
+ R1
–V
O
–1..25
* 1
R1 typically is 120
Ω.
, where VO is the output in volts.
Figure 1. Adjustable Negative-Voltage Regulator
ADJUSTMENT
OUTPUT
INPUT
VI
RS
VO
LM237
or
LM337
RS =
1.25 V
ILIMIT
Figure 2. Current-Limiting Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com