Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM337KTPRG3 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM337KTPRG3
Description  3-TERMINAL ADJUSTABLE REGULATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM337KTPRG3 Datasheet(HTML) 2 Page - Texas Instruments

  LM337KTPRG3 Datasheet HTML 1Page - Texas Instruments LM337KTPRG3 Datasheet HTML 2Page - Texas Instruments LM337KTPRG3 Datasheet HTML 3Page - Texas Instruments LM337KTPRG3 Datasheet HTML 4Page - Texas Instruments LM337KTPRG3 Datasheet HTML 5Page - Texas Instruments LM337KTPRG3 Datasheet HTML 6Page - Texas Instruments LM337KTPRG3 Datasheet HTML 7Page - Texas Instruments LM337KTPRG3 Datasheet HTML 8Page - Texas Instruments LM337KTPRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LM237, LM337
3-TERMINAL ADJUSTABLE REGULATORS
SLVS047G – NOVEMBER 1981 – REVISED SEPTEMBER 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematic diagram
ADJUSTMENT
OUTPUT
INPUT
absolute maximum ratings over operating temperature ranges (unless otherwise noted)†
Input-to-output differential voltage, VI – VO
–40 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
package thermal data (see Note 1)
PACKAGE
BOARD
θJC
θJA
PowerFLEX
 (KTE)
High K, JESD 51-5
3
°C/W
23
°C/W
PowerFLEX
 (KTP)
High K, JESD 51-5
19
°C/W
28
°C/W
TO-220 (KC)
High K, JESD 51-5
3
°C/W
19
°C/W
NOTE 1: Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
recommended operating conditions
MIN
MAX
UNIT
IO
Output current
|VI – VO| ≤ 40 V,
P
≤ 15 W
10
1500
mA
IO
Output current
|VI – VO| ≤ 10 V,
P
≤ 15 W
6
1500
mA
TJ
Operating virtual junction temperature
LM237
–25
150
°C
TJ
Operating virtual junction temperature
LM337
0
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com