Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIM-232 Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # SIM-232
Description  Serial annunciator driver module, main driver with 16-outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

SIM-232 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  SIM-232 Datasheet HTML 1Page - Gamewell-FCI by Honeywell SIM-232 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
CS-2027 Rev. A page 2 of 2
www.gamewell-fci.com
provide an isolated RS-232 output from the main CPU of
the 600 Series system panels. The IF602 and IF610 panels
have built-in RS-232 ports.
Applications
The SAN units provide a means for remote annunciation
and control of the system via a simple RS-232 connection.
These driver units fit neatly into an annunciator unit and
can be used to drive the LED or incandescent lights of a
standard or graphic-type annunciator. When it is necessary
for remote system control, the SAN-16-RC provides for up
to eight inputs for system control. Any or all inputs may be
used to customize any given command station’s capabili-
ties.
The SAN units can also be used to interface with other
building systems via ASCII or where dry contacts or a
switched output is required. The SAN’s outputs can be
used to drive a relay to interface or control virtually any
remote point or group of points.
Engineer’s Specifications
Remote annunciation and control for the main control panel
shall be supplied where indicated. Remote annunciation
and control shall be accomplished via the RS-232 data
communications line. It shall be possible to add up to 64
devices to the communication line. Each device shall be
capable of driving up to 128 points. It shall be possible to
mix annunciators, printers and LCD alphanumeric displays
on a single line without the need for special software.
Devices shall not be placement sensitive. All devices shall
be individually field programmable and independent from
each other. The device shall be Gamewell-FCI part
numbers.
.
Specifications
Serial Annunciator
Driver:
Basic SAN and SAN-RC provide 16-
point drives.
SAN
Input Power:
24 VAC/VDC
Standby Current: 0.04 A max.
Alarm Current:
2.0 A max.
Output Power:
0.040 A max. per output.
Dimensions:
12” W x 4” H x 2” D
(30.5 W x 10.2 H x 5.1 D cm)
PDM-16 Point Drive Module
Input Power:
From SAN Module
Standby Current: 0.002 A
Alarm Current:
0.002 A
Ordering Information
Model
Description
SAN-16
Serial annunciator driver module, main driver
with 16-outputs.
SAN-#
Serial annunciator driver module, specify
number of outputs in 16-point increments
(i.e., SAN-32, SAN-48, SAN-128). Includes
mounting track and interconnect cables.
Contact the Gamewell-FCI Technical
Support for details.
SAN-16-RC Serial annunciator driver with four-remote
control inputs, eight (8) common outputs and
16-outputs.
SAN-#-RC
Serial annunciator driver with four- remote
control inputs, eight (8) common outputs and
a specifiable number of outputs in 16-point
increments (i.e., SAN-32-RC, SAN-48-RC,
SAN-128-RC). Includes mounting track and
interconnect cables.
Contact Gamewell-FCI Technical Support for
details.
PDM-16
Point driver module for field-expanding
serial annunciator drivers, 16 outputs.
SIM-232
Required serial interface module, mounts in
600 Series control 632, 654, and 658 to sup-
ply RS-232 ouputs.
Note: This model is not required for use with
the IF602 and IF610 Systems.
GW70703
Programming cable (Programmed via a
Windows®-based SAN program). Found on
the Gamewell-FCI website.
Note: This program is only available to
Gamewell-FCI authorized distributors.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com