Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCD Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # SCD
Description  Signal Control Element
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

SCD Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  SCD Datasheet HTML 1Page - Gamewell-FCI by Honeywell SCD Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2007 Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
CS-2047 Rev. A page 1 of 2
SCE-95
Signal Control Element
An ISO 9000-2000 Company
APPROVED
FM
SIGNALING
S521
7300-1288:147
MEA
Approved
Description
The Gamewell-FCI Signal Control Elements (SCE-95) is
the interface between the Fire Alarm Control Panel's
(FACPs) analog circuits and building functions. The SCE-
95 connects to the panel via the SLC circuit. The SCE-95
provides a means to remotely locate a fully supervised cir-
cuit for the operation of signaling appliances such as
horns, strobes, and horn/strobes. The SCE-95 works with
all 600 Series analog addressable FACPs. For annuncia-
tion and feedback at the panel, Gamewell-FCI offers a Sig-
nal Control Display (SCD). The SCD is only available with
the IF632 and IF650 FACPs.
The SCE-95 is capable of switching 24 VDC. When used
as a remote signaling circuit the SCE-95 provides all the
necessary supervision of the circuit and trouble reporting
via the analog circuit.
The Signal Control Element (SCE-95) is designed for sur-
face or flush mounting and has an integral LED which
annunciates upon device activation.
Operation
The signal control element connects to the SLC of the Fire
Alarm Control Panel (FACP) via two-wires. In its standby
mode, the SCE-95 monitors its internal circuitry for status
of the device itself and supervises the external control cir-
cuit for faults. In the event that a fault is detected, the SCE-
95 will report a trouble to the FACP.
When an event is reported to the Fire Alarm Control Panel
(FACP) that requires the activation of the SCE-95, the con-
trol panel communicates via the analog circuit to the SCE-
95 and the signaling circuit is actuated. The integral LED is
also lit for annunciation at the device.
Programming
The SCE-95 is programed by setting a single DIP switch
easily accessible on the printed circuit board. The SCE-
95’s DIP switch is used to set the address of the device.
Features
•
Compatible with the Gamewell-FCI 600 Series analog
addressable FACPs.
•
Supervises and operates notification appliance circuit.
•
Supervises DC power-in.
•
LED annunciates activation.
•
Fully supervised.
•
Surface or flush mounting.
•
Field programmable.
•
Style four, six, or seven wiring.
•
Screw terminals for field wiring connections.
•
2.0 A output..
SCE-95


Similar Part No. - SCD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
SMD Unshielded Power Inductors
logo
Cornell Dubilier Electr...
SCD CDE-SCD Datasheet
104Kb / 4P
High dV/dt Direct Mount IGBT Snubber
logo
Eravant
SCD-0130432020-SF-SC ERAVANT-SCD-0130432020-SF-SC Datasheet
380Kb / 3P
Coaxial Directional Coupler, 1 to 4 GHz, 20 dB Coupling Level
Rev 1.0
SCD-0134031010-KF-SA ERAVANT-SCD-0134031010-KF-SA Datasheet
370Kb / 3P
Coaxial Directional Coupler, 1 to 40 GHz, 10 dB Coupling Level
Rev 1.3
SCD-0134032010-KF-SA ERAVANT-SCD-0134032010-KF-SA Datasheet
275Kb / 3P
Coaxial Directional Coupler, 1 to 40 GHz, 20 dB Coupling Level
Rev 1.2
More results

Similar Description - SCD

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN38662S PANASONIC-MN38662S Datasheet
58Kb / 4P
NTSC-Compatible CCD Video Signal Delay Element
MN38663S PANASONIC-MN38663S Datasheet
70Kb / 6P
NTSC-Compatible CCD Video Signal Delay Element
MN3880S PANASONIC-MN3880S Datasheet
43Kb / 6P
NTSC CCD Video Signal Delay Element
MN3881S PANASONIC-MN3881S Datasheet
38Kb / 4P
PAL-Compatible CCD Video Signal Delay Element
logo
Texas Instruments
TL16C550C TI-TL16C550C Datasheet
554Kb / 39P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D Datasheet
826Kb / 50P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
logo
Gamewell-FCI by Honeywe...
BCE-95 GAMEWELL-FCI-BCE-95 Datasheet
74Kb / 2P
Building control element device
RCE-95 GAMEWELL-FCI-RCE-95 Datasheet
76Kb / 2P
Relay control element device
logo
Texas Instruments
TL16C550D TI-TL16C550D_09 Datasheet
1Mb / 54P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550C TI1-TL16C550C_12 Datasheet
1,020Kb / 43P
ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com