Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3243IPW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3243IPW
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3243IPW Datasheet(HTML) 2 Page - Texas Instruments

  MAX3243IPW Datasheet HTML 1Page - Texas Instruments MAX3243IPW Datasheet HTML 2Page - Texas Instruments MAX3243IPW Datasheet HTML 3Page - Texas Instruments MAX3243IPW Datasheet HTML 4Page - Texas Instruments MAX3243IPW Datasheet HTML 5Page - Texas Instruments MAX3243IPW Datasheet HTML 6Page - Texas Instruments MAX3243IPW Datasheet HTML 7Page - Texas Instruments MAX3243IPW Datasheet HTML 8Page - Texas Instruments MAX3243IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MAX3243
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SLLS350B – APRIL 1999 – REVISED JANUARY 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Auto-powerdown can be disabled when FORCEON and FORCEOFF are high, and should be done when driving
a serial mouse. With auto-powerdown enabled, the device is activated automatically when a valid signal is
applied to any receiver input. The INVALID output is used to notify the user if an RS-232 signal is present at any
receiver input. INVALID is high (valid data) if any receiver input voltage is greater than 2.7 V or less than –2.7 V
or has been between –0.3 V and 0.3 V for less than 30
µs. INVALID is low (invalid data) if all receiver input
voltages are between –0.3 V and 0.3 V for more than 30
µs. Refer to Figure 5 for receiver input levels.
The MAX3243C is characterized for operation from 0
°C to 70°C. The MAX3243I is characterized for operation
from –40
°C to 85°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SHRINK
SMALL OUTLINE
(DB)
SMALL OUTLINE
(DW)
THIN SHRINK
SMALL OUTLINE
(PW)
0
°C to 70°C
MAX3243CDB
MAX3243CDW
MAX3243CPW
–40
°C to 85°C
MAX3243IDB
MAX3243IDW
MAX3243IPW
The DB, DW, and PW packages are available taped and reeled. Add the suffix R to
device type (e.g., MAX3243CDBR).
Function Tables
EACH DRIVER
INPUTS
OUTPUT
DIN
FORCEON
FORCEOFF
VALID RIN
RS-232 LEVEL
OUTPUT
DOUT
DRIVER STATUS
X
X
L
X
Z
Powered off
L
H
H
X
H
Normal operation with
H
HH
X
L
auto-powerdown disabled
L
L
H
Yes
H
Normal operation with
H
LH
Yes
L
auto-powerdown enabled
L
L
H
No
Z
Powered off by
H
L
H
No
Z
y
auto-powerdown feature
H = high level, L = low level, X = irrelevant, Z = high impedance
EACH RECEIVER
INPUTS
OUTPUTS
RIN2
RIN1,
RIN3–RIN5
FORCEOFF
VALID RIN
RS-232 LEVEL
ROUT2B
ROUT
RECEIVER STATUS
L
X
L
X
L
Z
Powered off while
H
XL
X
H
Z
ROUT2B is active
L
L
H
Yes
L
H
L
HH
Yes
L
L
Normal operation with
H
LH
Yes
H
H
Normal o eration with
auto-powerdown
di
bl d/
bl d
H
HH
Yes
H
L
disabled/enabled
Open
Open
H
No
L
H
H = high level, L = low level, X = irrelevant, Z = high impedance (off), Open = input disconnected or connected
driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com