Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75189D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75189D
Description  QUADRUPLE LINE RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75189D Datasheet(HTML) 2 Page - Texas Instruments

  SN75189D Datasheet HTML 1Page - Texas Instruments SN75189D Datasheet HTML 2Page - Texas Instruments SN75189D Datasheet HTML 3Page - Texas Instruments SN75189D Datasheet HTML 4Page - Texas Instruments SN75189D Datasheet HTML 5Page - Texas Instruments SN75189D Datasheet HTML 6Page - Texas Instruments SN75189D Datasheet HTML 7Page - Texas Instruments SN75189D Datasheet HTML 8Page - Texas Instruments SN75189D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MC1489, MC1489A, SN55189, SN55189A, SN75189, SN75189A
QUADRUPLE LINE RECEIVERS
SLLS095D – SEPTEMBER 1973 – REVISED OCTOBER 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
THRS ADJ
4Y
11
3Y
8
2Y
6
1Y
3
1
1A
2
1 CONT
4
2A
5
2 CONT
10
3A
9
3 CONT
13
4A
4 CONT
12
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Pin numbers shown are for the D, J, N, NS, and W packages.
logic diagram (positive logic)
Control
Response
AY
schematic (each receiver)
Input A
10 k
Ω
4 k
Ω
Response
Control
R1
9 k
Ω
5 k
Ω
1.66 k
Ω
GND
Output Y
VCC
MC1489
SN55189
SN75189
MC1489A
SN55189A
SN75189A
R1
8.4 k
Ω
1.84 k
Ω
Resistor values shown are nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com