Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FF8-MP Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # FF8-MP
Description  NAC Expander/Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FF8-MP Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  FF8-MP Datasheet HTML 1Page - Gamewell-FCI by Honeywell FF8-MP Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
CS-2282 Rev. a page 2 of 2
www.gamewell-fci.com
Engineer’s Specifications
The Fire Alarm System shall be designed with remotely
located Notification Appliance Circuit (NAC) Expander/
Power Supplies for the support of notification appliances.
The remote Power Supplies shall be fully supervised and
shall provide 8.0 Amps. of notification appliance power and
1.5 Amps. of auxiliary power output. The NAC Extender
Panel shall be able to select strobe synchronization proto-
col via an internal dip switch. There shall be five selectable
protocols available. The NAC Extender Panel shall syn-
chronize all outputs simultaneously. The NAC Extender
Panel shall be able to use existing notification appliance
circuit’s end-of-line resistors in the range of 2K – 25K ohms
for retrofit applications. The internal battery charging circuit
shall charge up to 26 AH batteries. The NAC Expander/
Power Supply shall be a Gamewell-FCI FireForce 8.
Options
31081
SCE-95 mounting plate provides a means to install two (2)
SCE-95 modules. The addition of SCE-95s provides a
means to run on FF8 outputs via a panel command on an
SLC. The 31081 mounts over the main PCB and is hinged
for access to FF8 terminal.
FF8-MP
Multipack FF8 option provides a means to place up to four
(4) FF8s or 31085s (XP95 device mounting plates) in a sin-
gle lockable enclosure. UL approved.
31076
Class A adaptor converts the four (4) Class B outputs to
four (4) Class A outputs.
Specifications
Primary Input Power: 120 VAC, 60 Hz, 3.0 A
or 220 V, 1.5 A; jumper selectable
Secondary Power:
24-volt operation: two 7 – 24 AH
batteries
Battery Charging
Capacity:
Up to 26 AH batteries
Battery Space:
Up to two 12 AH batteries maxi-
mum inside the FF8 cabinet.
Larger batteries require a separate
battery cabinet
Total Output Power:
8.0 A maximum
Standby Current:
0.030 A
Auxiliary Power
Output:
0.15 A under all conditions
1.5 A, if load is removed during
operation (external relay or AC
Fail relay use required).
NAC Output Ratings: 24 VDC fully regulated, 3.0 A
maximum per circuit (8.0 A total)
End-of-Line Resistor
Range:
2K to 25K, 1/2 watt
Common Trouble
Relay, AC Fail Relay: 2.0 A/28 VDC or 120 VAC
Specifications (Continued)
Input Control Circuit: 16 – 30 VDC @ 5 mA minimum
Temperature Rating:
32°F to 120°F (0°C to 49°C)
Relative Humidity:
10 - 93%, non-condensing
Dimensions:
FF8 Cabinet:
18.0" H x 12.5" W x 4.5" D
(45.72 H x 31.75 W x 11.43 D cm)
FF8-MP Cabinet:
37.2" H x 24.0" W x 6.0" D
(94.49 H x 60.96 W x 15.24 D cm)
Field Selectable NAC Signaling
INPUT
OUTPUT (Follows Input)
Steady
Temporal
Steady
Steady - SYNC
Steady
Steady with Noise Eliminated
Sync
Sync
Ordering Information
Model
Description
FF8
24 VDC, 8.0 Amp., fire alarm NAC
expander/ power supply with integral
battery charger
FF8-MP
Multipack cabinet with one FF8 and
space for up to three additional FF8-CMs
or 31085s (See Options Section).
FF8-CM
Chassis assembly version of FF8, for
mounting in FF8-MP spaces
31076
Class A adaptor, converts signal circuits
to Class A wiring (See Options Section).
31081
Mounting plate for placing up to two
SCE-95 modules into the FF8
(FF8 and FF8-MP compatible, See
Options Section).
31085
Mounting plate for placing XP95 devices
into the FF8-MP; includes standoffs for
eight devices
BAT-1270
Battery, 12 VDC, 7 AH
(two required for 24 V operation)
BAT-12120
Battery, 12 VDC, 12 AH
(two required for 24 V operation)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com