Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS-TH Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # SS-TH
Description  Intelligent Addressable Plug-In Thermal (Heat) Detectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

SS-TH Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  SS-TH Datasheet HTML 1Page - Gamewell-FCI by Honeywell SS-TH Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS-T Series
CS-2460
09/01/06
Page 2 of 2
Gamewell-FCI
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell-fci.com
A Honeywell Company
© 2006 Gamewell-FCI
Specifications and wiring information are provided for information only and are believed
to be accurate. Gamewell-FCI assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring instructions
shipped with the product shall always be used for actual installation. For more
information, contact Gamewell-FCI.
Specifications
Product Line Information
Wiring Diagrams
Size
2.1" (5.3 cm) high x 4.1" (10.4 cm)
diameter installed in B501 base, 6.1"
(15.5 cm) diameter installed in SS-B6
base.
Shipping weight
4.8 oz. (137 g).
Operating temperature range
SS-T, SS-TR: –20°C to 38°C (–4°F to
100°F)
SS-TH: –20°C to 66°C (–4°F to 150°F).
Detector spacing
UL approved for 50 ft. (15.24 m) center
to center. FM approved for 25 x 25 ft.
(7.62 x 7.62 m) spacing.
Relative humidity
10% – 93% noncondensing.
Thermal ratings
Fixed-temperature setpoint 135°F (57°C),
rate-of-rise detection 15°F (8.3°C) per
minute, high temperature heat 190°F
(88°C).
ELECTRICAL SPECIFICATIONS:
Voltage range
15 - 32 volts DC peak.
Standby current (max. avg.)
200 µA @ 24 VDC (without communica-
tion); 300 µA @ 24 VDC (one communi-
cation every 5 seconds with LED en-
abled).
LED current (max.)
6.5 mA @ 24 VDC (“ON”).
BASES AVAILABLE:
SS-B6: 6.1" (15.5 cm) diameter.
B501: 4.1" (10.4 cm) diameter.
B501BH or B501BHT: Sounder base
assembly. Includes B501 base.
B224RB Relay Base: Screw terminals:
up to 14 AWG (2.0 mm²). Relay type:
Form-C. Rating: 2.0 A @ 30 VDC
resistive; 0.3 A @ 110 VDC inductive; 1.0
A @ 30 VDC inductive. Dimensions: 6.2"
(15.748 cm) x 1.2" (3.048 cm).
B224BI Isolator Base: Dimensions: 6.2"
(15.748 cm) x 1.2" (15.748 cm). Maxi-
mum: 25 devices between isolator
bases. See Note 2 under Installation on
page 1.
SS-T: Intelligent, addressable thermal
detector. Must be mounted to one of the
bases listed below.
SS-TR: Same as SS-T with rate-of-rise
feature.
SS-TH: Intelligent, addressable high-
temperature thermal (190°F/88°C) detector.
Bases:
SS-B6: Standard U.S. low-profile base, UL
Listing.
B501BP: Standard European flangeless
base, pkg. of 10.
B501BH: Sounder base, includes B501
base above.
B501BHT: Same as B501BH, but includes
temporal sounder.
B224RB: Intelligent relay base.
B224BI: Intelligent isolator base. Isolates
SLC from loop shorts.
Accessories:
RA400Z: Remote LED annunciator. 3 – 32
VDC. Fits U.S. single-gang electrical box.
Supported by SS-B6 and B501 bases only.
SMK400: Surface mounting kit provides for
entry of surface wiring conduit. For use
with B501 base only.
RMK400: Recessed mounting kit. For use
with B501 base only.
SMB600: Surface mounting kit for use with
Address dial on back of detector.
SS-B6.
BCK-200B: Black detector covers, box of
10.
M02-04-01: Test magnet.
M02-09-00: Test magnet with telescope
stick.
XR2B: Detector removal tool. Allows
installation and/or removal of SS-T Series
thermal detector heads from base in high
ceiling installations.
T55-127-000: Detector removal tool without
pole.
XP-4: Extension pole for XR2B. Comes in
three 5-ft. sections.
Detector Guards:
NOTE: The following guards are not UL listed
with the SS-T detectors. Consult with AHJ.
STI 9601: Low-profile, flush-mount smoke
detector guard, wire.
STI 9602: Low-profile, surface-mount, smoke
detector guard, wire.
STI 9609: High-profile, flush-mount, smoke
detector guard, wire.
STI 9605: High-profile, surface-mount, smoke
detector guard, wire.
STI 9604: Flush-mount heat detector
guard, wire.
STI 9610: Surface-mount heat detector
guard, wire.
STI-8200-SS: Flush-mount stainless steel
smoke detector guard
STI-8230-SS: Surface-mount stainless
steel smoke detector guard



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com