Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS-F Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # SS-F
Description  Filtrex Hostile Area Smoke Head Analog Addressable Detector with SmartScan
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

SS-F Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  SS-F Datasheet HTML 1Page - Gamewell-FCI by Honeywell SS-F Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS-F
CS-2473
09/01/06
Page 2 of 2
Gamewell-FCI
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell-fci.com
A Honeywell Company
© 2006 Gamewell-FCI
Specifications and wiring information are provided for information only and are believed
to be accurate. Gamewell-FCI assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring instructions
shipped with the product shall always be used for actual installation. For more
information, contact Gamewell-FCI.
Specifications
Size
2.875" (7.303 cm) high, 3.375" (8.573
cm) high in base; diameter 4.0" (10.16
cm), 6.125" (15.558 cm) diameter in
base.
Weight
7.3 oz. (207 g).
Current draw, SLC
DETECTOR: 300 µA @ 24 VDC (one
communication every 5 seconds with
LED enabled).
Current draw, auxiliary 24 VDC (15
to 30 VDC filtered; ripple voltage may
not drop below 15 volts): 123 mA
maximum, 27 mA average. For
battery calculation purposes,
average standby current is 27 mA.
Operating voltage range
15 – 32 volts DC peak.
Operating temperature range
0°C to 49°C (32°F to 120°F).
Relative humidity
10% – 93%, noncondensing.
Air velocity
4,000 ft/1219.2 meters per minute
maximum.
Maximum altitude
4,000 feet (1219.2 meters).
Detector spacing
Gamewell recommends spacing
detectors in compliance with NFPA 72.
In low-air-flow applications with
smooth ceilings, space detectors 30
feet (9.114 m) apart. For specific
information regarding sensor spacing,
placement, and special applications,
refer to NFPA 72 or the Guide to
Proper Use of System Smoke Detec-
tors, available from
systemsensor.com.
The SS-F detector contains both a
permanent filter and a replaceable
filter, a supervised fan, and a photo-
electric detector; to fit into a flanged
adapter base.
6903wir.tif
Product Line Information
SS-F
Hostile-environment smoke detector head.
SS-BF
Flanged adapter base, 6.125" (15.558 cm) diameter.
RF-FTX
Replacement outer filter cover assembly, box of 6.
RA400Z
Remote LED annunciator, 3 – 32 VDC, fits U.S. single-gang electrical
box.
M02-04-01 Test magnet.
M02-09-00 Test magnet with telescope stick.
Wiring Diagram
6346top.tif
6346expl.tif



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com