Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1014AMJB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LT1014AMJB
Description  QUAD PRECISION OPERATIONAL AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1014AMJB Datasheet(HTML) 1 Page - Texas Instruments

  LT1014AMJB Datasheet HTML 1Page - Texas Instruments LT1014AMJB Datasheet HTML 2Page - Texas Instruments LT1014AMJB Datasheet HTML 3Page - Texas Instruments LT1014AMJB Datasheet HTML 4Page - Texas Instruments LT1014AMJB Datasheet HTML 5Page - Texas Instruments LT1014AMJB Datasheet HTML 6Page - Texas Instruments LT1014AMJB Datasheet HTML 7Page - Texas Instruments LT1014AMJB Datasheet HTML 8Page - Texas Instruments LT1014AMJB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LT1014, LT1014A, LT1014D
QUAD PRECISION OPERATIONAL AMPLIFIERS
SLOS039C – JULY 1989 – REVISED SEPTEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single-Supply Operation:
Input Voltage Range Extends to Ground,
and Output Swings to Ground While
Sinking Current
D Input Offset Voltage 300 µV Max at 25°C for
LT1014
D Offset Voltage Temperature Coefficient
2.5
µV/°C Max for LT1014
D Input Offset Current 1.5 nA Max at 25°C for
LT1014
D High Gain 1.2 V/µV Min (RL = 2 kΩ), 0.5 V/µV
Min (RL = 600 Ω) for LT1014
D Low Supply Current 2.2 mA Max at 25°C for
LT 1014
D Low Peak-to-Peak Noise Voltage
0.55
µV Typ
D Low Current Noise 0.07 pA/√Hz Typ
description
The LT1014, LT1014A, and LT1014D are quad
precision operational amplifiers with 14-pin
industry-standard configuration. They feature low
offset-voltage temperature coefficient, high gain,
low supply current, and low noise.
The LT1014, LT1014A, and LT1014D can be
operated with both dual
±15 V and single 5 V
power supplies.The common-mode input voltage
range includes ground, and the output voltage can
also swing to within a few milivolts of ground.
Crossover distortion is eliminated.
The LT1014C and LT1014 AC are characterized
for operation from 0
°C to 70°C. The LT1014I and
LT1014DI are characterized for operation from
–40
°C to 105°C. The LT1014M, LT1014AM and
LT1014DM are characterized for operation over
the full military temperature range of –55
°C to
125
°C.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1OUT
1IN–
1IN+
VCC+
2IN+
2IN–
2OUT
NC
4OUT
4IN–
4IN+
VCC–/GND
3IN+
3IN–
3OUT
NC
DW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN–
1IN+
VCC+
2IN+
2IN–
2OUT
4OUT
4IN–
4IN+
VCC–
3IN+
3IN–
3OUT
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4IN+
NC
VCC–/GND
NC
3IN+
1IN+
NC
VCC+
NC
2IN+
J OR N PACKAGE
(TOP VIEW)
FK PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - LT1014AMJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1014AMJB TI-LT1014AMJB Datasheet
869Kb / 32P
QUAD PRECISION OPERATIONAL AMPLIFIERS
LT1014AMJB TI1-LT1014AMJB Datasheet
1Mb / 35P
QUAD PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - LT1014AMJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC274 TI-TLC274 Datasheet
668Kb / 42P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4 Datasheet
603Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4 Datasheet
555Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI1-TLC27M4BCDR Datasheet
557Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
LT1014DMDWG4 TI-LT1014DMDWG4 Datasheet
869Kb / 32P
QUAD PRECISION OPERATIONAL AMPLIFIERS
TLC27L4IDR TI1-TLC27L4IDR Datasheet
1Mb / 44P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI1-TLC27M4_15 Datasheet
1Mb / 52P
PRECISION QUAD OPERATIONAL AMPLIFIERS
LT1014 TI1-LT1014_17 Datasheet
1Mb / 35P
QUAD PRECISION OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4_V01 Datasheet
1Mb / 43P
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V01 Datasheet
1Mb / 48P
LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com