Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP07C Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OP07C
Description  PRECISION OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP07C Datasheet(HTML) 3 Page - Texas Instruments

  OP07C Datasheet HTML 1Page - Texas Instruments OP07C Datasheet HTML 2Page - Texas Instruments OP07C Datasheet HTML 3Page - Texas Instruments OP07C Datasheet HTML 4Page - Texas Instruments OP07C Datasheet HTML 5Page - Texas Instruments OP07C Datasheet HTML 6Page - Texas Instruments OP07C Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
OP07C, OP07D, OP07Y
PRECISION OPERATIONAL AMPLIFIERS
SLOS099B – OCTOBER 1983 – REVISED AUGUST 1996
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematic
7
6
4
VCC +
OUT
VCC –
OFFSET N1
OFFSET N2
IN +
IN –
1
8
3
2
COMPONENT COUNT
Resistors
Transistors
Capacitors
28
39
4
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC+ (see Note 1)
22 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC–
– 22 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage (see Note 2)
±30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (either input, see Note 3)
±22 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of output short circuit (see Note 4)
unlimited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation at (or below) 25
°C free-air temperature (see Note 5)
500 mW
. . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES:
1. All voltage values, unless otherwise noted, are with respect to the midpoint between VCC + and VCC – .
2. Differential voltages are at IN+ with respect to IN –.
3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less.
4. The output may be shorted to ground or either power supply.
5. For operation above 64
°C free-air temperature, derate the D package to 464 mW at 70°C at the rate of 5.8 mW/°C.
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VCC
±
±3
±18
V
Common-mode input voltage, VIC
VCC
± = ±15 V
–13
13
V
Operating free-air temperature, TA
0
70
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com