Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR331-4-104 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR331-4-104
Description  SMD INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR331-4-104 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR331-4-104 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
February 23, 2007
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
SCHEMATIC
.490
12,45
.109
2,79
.490
12,45
.114
2,92
SUGGESTED PAD LAYOUT
.100
2,54
.729 MAX.
18,54
.279 MAX.
7,11
.600 MAX.
15,24
.500
12,70
1
2
331-4
XXX
ELECTRICAL SPECIFICATIONS 25°C
DCR
I rms (A)
I sat (A)
SRF
Part No.
Inductance (
µH)
±20%
(
Ω) Max.
Max. (Note 3)
Max. (Note 2)
(MHz) REF.
DR331-4-102
1
0.009
8.6
20
80
DR331-4-222
2.2
0.014
7.1
16
80
DR331-4-332
3.3
0.018
6.2
14
60
DR331-4-562
5.6
0.020
5.3
12
40
DR331-4-103
10
0.031
4.3
10
30
DR331-4-153
15
0.036
4
8
22
DR331-4-223
22
0.047
3.5
7
20
DR331-4-333
33
0.066
3
5.5
15
DR331-4-473
47
0.086
2.6
4.5
9.0
DR331-4-683
68
0.13
2.3
3.5
8.0
DR331-4-104
100
0.19
1.8
3
7.0
DR331-4-154
150
0.25
1.5
2.6
6.0
DR331-4-224
220
0.38
1.2
2.4
5.0
DR331-4-334
330
0.56
1.0
1.9
4.0
DR331-4-474
470
0.85
0.82
1.4
3.0
DR331-4-684
680
1.1
0.72
1.2
2.5
DR331-4-105
1000
1.8
0.56
1.0
2.0
MECHANICAL SPECIFICATIONS
SMD INDUCTOR DR331-4 SERIES
Features
Low Profile Surface Mount Design
Inductance Range from 1.0µH to 1000µH
Operating Temp. -40°C to +85°C
Tinned Leads with Leaded Solder is Available (note 6)
NOTES:
1.
Dimensions are shown in inches/millimeters
Unless otherwise specified, tolerance
= Inches: ±0.010
= Millimeters: ±0,25
2.
Isat based on the inductance being 90% of
its initial value
3.
Irms based on temperature rise of 40°C
4.
Tape & Reel Packaging, 400 pcs / reel.
5.
Inductance tested at 0.1 Vrms @ 100 kHz
6.
For non-RoHS parts replace DR prefix with
42- (e.g. DR331-4 becomes 42-331-4)
7.
Terminal finish is compliant to RoHS
requirements. Solder in accordance with J-
STD-020C.


Similar Part No. - DR331-4-104

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-4-104 DATATRONICS-DR331-4-104 Datasheet
79Kb / 1P
SMD INDUCTOR DR331-4 SERIES
More results

Similar Description - DR331-4-104

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR336-103 DATATRONICS-DR336-103 Datasheet
104Kb / 1P
SMD INDUCTOR
DR353-2-102 DATATRONICS-DR353-2-102 Datasheet
86Kb / 1P
SMD INDUCTOR
DR353-5-121 DATATRONICS-DR353-5-121 Datasheet
91Kb / 2P
SMD INDUCTOR
DR354-3-103-T DATATRONICS-DR354-3-103-T Datasheet
178Kb / 2P
SMD INDUCTOR
DR365-2-332 DATATRONICS-DR365-2-332 Datasheet
93Kb / 1P
SMD INDUCTOR
DR78097 DATATRONICS-DR78097 Datasheet
129Kb / 1P
SMD INDUCTOR
logo
XFMRS Inc.
XFSMD6-333 XFMRS-XFSMD6-333 Datasheet
40Kb / 1P
SMD Inductor
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
SMD Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
SMD Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com