Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAL16R8AM Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PAL16R8AM
Description  STANDARD HIGH-SPEED PAL CIRCUITS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PAL16R8AM Datasheet(HTML) 11 Page - Texas Instruments

Back Button PAL16R8AM Datasheet HTML 7Page - Texas Instruments PAL16R8AM Datasheet HTML 8Page - Texas Instruments PAL16R8AM Datasheet HTML 9Page - Texas Instruments PAL16R8AM Datasheet HTML 10Page - Texas Instruments PAL16R8AM Datasheet HTML 11Page - Texas Instruments PAL16R8AM Datasheet HTML 12Page - Texas Instruments PAL16R8AM Datasheet HTML 13Page - Texas Instruments PAL16R8AM Datasheet HTML 14Page - Texas Instruments PAL16R8AM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
µA
µA
µA
mA
VCC = 5.5 V,
VO = 2.7 V
VCC = 5.5 V,
VO = 0.4 V
VCC = 5.5 V,
VI = 2.7 V
VCC = 5.5 V,
VI = 0.4 V
IOZH
IOZL
IIH
IIL
ns
Pulse duration (see Note 2)
tw
PAL16L8A-2M, PAL16R4A-2M, PAL16R6A-2M, PAL16R8A-2M
STANDARD HIGH-SPEED PAL® CIRCUITS
SRPS016 – D2705, FEBRUARY 1984 – REVISED MARCH 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
11
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.5
V
VOH
VCC = 4.5 V,
IOH = – 2 mA
2.4
3.2
V
VOL
VCC = 4.5 V,
IOL = 12 mA
0.25
0.4
V
Outputs
20
I/O ports
100
Outputs
–20
I/O ports
–100
II
VCC = 5.5 V,
VI = 5.5 V
0.2
mA
I/O Ports
100
All others
25
OE input
–0.2
All others
–0.1
IOS‡
VCC = 5.5 V,
VO = 0.5 V
–30
–250
mA
ICC
VCC = 5.5 V,
VI = 0,
Outputs open
75
90
mA
timing requirements
MIN
MAX
UNIT
fclock
Clock Frequency
0
16
MHz
Clock high
25
Clock low
25
tsu
Setup time, input or feedback before CLK
↑
35
ns
th
Hold time, input or feedback after CLK
↑
0
ns
NOTE 2: The total clock period of clock high and clock low must not exceed clock frequency, fclock. The minimum pulse durations specified are
only for clock high or low, but not for both simultaneously.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITION
MIN
TYP†
MAX
UNIT
fmax
16
25
MHz
tpd
I, I/O
O, I/O
25
40
ns
tpd
CLK
↑
Q
R1 = 390
Ω,
11
25
ns
ten
OE
↓
Q
R2 = 750
Ω,
20
25
ns
tdis
OE
↑
Q
See Figure 1
11
25
ns
ten
I, I/O
O, I/O
25
40
ns
tdis
I, I/O
O, I/O
25
35
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time and the duration of the short circuit should not exceed one second. Set VO at 0.5 V to avoid
test equipment degradation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com