Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5532DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SA5532DR
Description  DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA5532DR Datasheet(HTML) 3 Page - Texas Instruments

  SA5532DR Datasheet HTML 1Page - Texas Instruments SA5532DR Datasheet HTML 2Page - Texas Instruments SA5532DR Datasheet HTML 3Page - Texas Instruments SA5532DR Datasheet HTML 4Page - Texas Instruments SA5532DR Datasheet HTML 5Page - Texas Instruments SA5532DR Datasheet HTML 6Page - Texas Instruments SA5532DR Datasheet HTML 7Page - Texas Instruments SA5532DR Datasheet HTML 8Page - Texas Instruments SA5532DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NE5532, NE5532A, SA5532, SA5532A
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
SLOS075H − NOVEMBER 1979 − REVISED MAY 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VCC+
Supply voltage
5
15
V
VCC−
Supply voltage
−5
−15
V
TA
Operating free-air temperature range
NE5532, NE5532A
0
70
°C
TA
Operating free-air temperature range
SA5532, SA5532A
−40
85
°C
electrical characteristics, VCC± = +15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
NE5532, NE5532A
SA5532, SA5532A
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 0
TA = 25°C
0.5
4
mV
VIO
Input offset voltage
VO = 0
TA = Full range‡
5
mV
IIO
Input offset current
TA = 25°C
10
150
nA
IIO
Input offset current
TA = Full range‡
200
nA
IIB
Input bias current
TA = 25°C
200
800
nA
IIB
Input bias current
TA = Full range‡
1000
nA
VICR
Common-mode input-voltage range
±12
±13
V
VOPP
Maximum peak-to-peak
output-voltage swing
RL ≥ 600 Ω
VCC± = ±15 V
24
26
V
VOPP
Maximum peak-to-peak
output-voltage swing
RL ≥ 600 Ω
VCC± = ±18 V
30
32
V
RL ≥ 600 Ω,
TA = 25°C
15
50
AVD
Large-signal
RL ≥ 600 Ω,
VO = ±10 V
TA = Full range‡
10
V/mV
AVD
Large-signal
differential-voltage amplification
RL ≥ 2 kΩ,
TA = 25°C
25
100
V/mV
differential-voltage amplification
RL ≥ 2 kΩ,
VO = ±10 V
TA = Full range‡
15
Avd
Small-signal
differential-voltage amplification
f = 10 kHz
2.2
V/mV
BOM
Maximum-output-swing bandwidth
RL = 600 Ω
VO = ±10 V
140
kHz
BOM
Maximum-output-swing bandwidth
RL = 600 Ω
VCC± = ±18 V,
VO = ±14 V
100
kHz
B1
Unity-gain bandwidth
RL = 600 Ω,
CL = 100 pF
10
MHz
ri
Input resistance
30
300
k
Ω
zo
Output impedance
AVD = 30 dB,
RL = 600 Ω,
f = 10 kHz
0.3
Ω
CMRR
Common-mode rejection ratio
VIC = VICR min
70
100
dB
kSVR
Supply-voltage rejection ratio
(
∆VCC±/∆VIO)
VCC± = ±9 V to ±15 V,
VO = 0
80
100
dB
IOS
Output short-circuit current
10
38
60
mA
ICC
Total supply curent
VO = 0,
No load
8
16
mA
Crosstalk attenuation (VO1/VO2)
V01 = 10 V peak,
f = 1 kHz
110
dB
† All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified.
‡ Full temperature ranges are: − 40°C to 85°C for the SA5532 and SA5532A, and 0°C to 70°C for the NE5532 and NE5532A.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com