Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI2040 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCI2040
Description  PCI2040 PCI-DSP Bridge controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2040 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCI2040 Datasheet HTML 17Page - Texas Instruments PCI2040 Datasheet HTML 18Page - Texas Instruments PCI2040 Datasheet HTML 19Page - Texas Instruments PCI2040 Datasheet HTML 20Page - Texas Instruments PCI2040 Datasheet HTML 21Page - Texas Instruments PCI2040 Datasheet HTML 22Page - Texas Instruments PCI2040 Datasheet HTML 23Page - Texas Instruments PCI2040 Datasheet HTML 24Page - Texas Instruments PCI2040 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
3–1
3 PCI2040 Functional Description
This section covers the functional description for PCI2040. The PCI2040 provides a 32-bit PCI host interface and an
interface for 8-bit and 16-bit host port interface (HPI) ports for TI’s C54x and C6x families of DSP processors. The
following conventions are used in this document:
•
DSP
C54x or C6x
•
Word
16 bits for PCI, 16 bits for C54x, 32 bits for C6x
•
Half-word
8 bits for C54x, 16 bits for C6x
•
Double-word
32 bits for PCI
Figure 3–1 shows a simplified block diagram of the PCI2040.
PCI Host Bus Interface
Miscellaneous
Interface
CPCI Hot-Swap
PCI Power
Management
Serial ROM
GPIO
Interrupt
PCI
Target
SM
HPI
Interface
Registers
&
PCI
Registers
C6x
Host
Port
Extensions
C54x
Host
Port
SM
HPI Interface
GP BUS
Interface
Figure 3–1. PCI2040 System Block Diagram
3.1
PCI Interface
PCI2040 provides an integrated 32-bit PCI bus interface compliant with the
PCI Local Bus Specification. The PCI2040
incorporates a PCI target interface for configuration cycles, accesses to internal registers, and access to the HPI
interface via memory-mapped space. The PCI2040 does not provide PCI mastering.
As a PCI bus target, PCI2040 incorporates the following features:
•
Supports the memory read, memory write, configuration read, and configuration write
•
Aliases the memory read multiple, memory read line, and memory write and invalidate to the basic
memory commands (i.e., memory read and memory write)
•
Supports PCI_LOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com