Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI2050 Datasheet(PDF) 51 Page - Texas Instruments

Part # PCI2050
Description  PCI-TO-PCI BRIDGE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI2050 Datasheet(HTML) 51 Page - Texas Instruments

Back Button PCI2050 Datasheet HTML 47Page - Texas Instruments PCI2050 Datasheet HTML 48Page - Texas Instruments PCI2050 Datasheet HTML 49Page - Texas Instruments PCI2050 Datasheet HTML 50Page - Texas Instruments PCI2050 Datasheet HTML 51Page - Texas Instruments PCI2050 Datasheet HTML 52Page - Texas Instruments PCI2050 Datasheet HTML 53Page - Texas Instruments PCI2050 Datasheet HTML 54Page - Texas Instruments PCI2050 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 81 page
background image
4–11
4.20 Memory Base Register
The memory base register defines the base address of a memory-mapped I/O address range used by the bridge to
determine when to forward memory transactions from one interface to the other. The upper 12 bits of this register
are read/write and correspond to the address bits AD31–AD20. The lower 20 address bits are considered 0s; thus,
the address range is aligned to a 1M-byte boundary. The bottom four bits are read-only and return 0s when read.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Memory base
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Memory base
Type:
Read-only, read/write
Offset:
20h
Default:
0000h
4.21 Memory Limit Register
The memory limit register defines the upper-limit address of a memory-mapped I/O address range used to determine
when to forward memory transactions from one interface to the other. The upper 12 bits of this register are read/write
and correspond to the address bits AD31–AD20. The lower 20 address bits are considered 1s; thus, the address
range is aligned to a 1M-byte boundary. The bottom four bits are read-only and return 0s when read.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Memory limit
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Memory limit
Type:
Read-only, read/write
Offset:
22h
Default:
0000h
4.22 Prefetchable Memory Base Register
The prefetchable memory base register defines the base address of a prefetchable memory address range used by
the bridge to determine when to forward memory transactions from one interface to the other. The upper 12 bits of
this register are read/write and correspond to the address bits AD31–AD20. The lower 20 address bits are considered
0; thus, the address range is aligned to a 1M-byte boundary. The bottom four bits are read-only and return 0s
when read.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Prefetchable memory base
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Prefetchable memory base
Type:
Read-only, read/write
Offset:
24h
Default:
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com