Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR356-3-101 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR356-3-101
Description  SMD INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR356-3-101 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR356-3-101 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
March 6, 2007
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SUGGESTED PAD LAYOUT
.311 MAX.
7,9
.275 MAX.
7,0
.098
2,5
.161
4,1
.062
1,6
.157
4,00
.118
3,00
.098
2,50
1
2
2
1
DR356-3
XXX
DATE
.118 MAX.
3,0
NOTES:
1.
Dimensions are shown in inches/millimeters
Unless otherwise specified, tolerance = Inches: ±0.010
= Millimeters: ±0,25
2.
Temperature rise of 40°C @ Irms
3.
Tape & Reel Packaging, 1000 pieces per reel.
4.
For non-RoHS parts replace DR prefix with 42- (e.g. DR356-3 becomes 42-356-3)
5.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C
SMD INDUCTOR DR356-3 SERIES
Features
Height: 3.0mm Max
Frequency Range: 10kHz to 2MHz
Operating Temperature: -40°C to +155°C
Tinned Leads with Leaded Solder is Available (note 4)
Electrical Specifications @ 25ºC
INDUCTANCE (µH)
PART NUMBER
0.1V @ 100kHz
DCR (mΩ) Max.
Isat (A) Typ.
L Drop 10%
Isat (A) Typ.
L Drop 15%
Irms (A) Max.
See Note 2
DR356-3-101
0.10 ± 20%
1.2
22
32
19
MECHANICAL SPECIFICATIONS
SCHEMATIC
1
2


Similar Part No. - DR356-3-101

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR356-3-101 DATATRONICS-DR356-3-101 Datasheet
83Kb / 1P
SMD INDUCTOR DR356-3 SERIES
More results

Similar Description - DR356-3-101

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-4-102 DATATRONICS-DR331-4-102 Datasheet
85Kb / 1P
SMD INDUCTOR
DR336-103 DATATRONICS-DR336-103 Datasheet
104Kb / 1P
SMD INDUCTOR
DR353-2-102 DATATRONICS-DR353-2-102 Datasheet
86Kb / 1P
SMD INDUCTOR
DR353-5-121 DATATRONICS-DR353-5-121 Datasheet
91Kb / 2P
SMD INDUCTOR
DR354-3-103-T DATATRONICS-DR354-3-103-T Datasheet
178Kb / 2P
SMD INDUCTOR
DR365-2-332 DATATRONICS-DR365-2-332 Datasheet
93Kb / 1P
SMD INDUCTOR
DR78097 DATATRONICS-DR78097 Datasheet
129Kb / 1P
SMD INDUCTOR
logo
XFMRS Inc.
XFSMD6-333 XFMRS-XFSMD6-333 Datasheet
40Kb / 1P
SMD Inductor
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
SMD Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com