Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25F05-75VIP Datasheet(PDF) 15 Page - Eon Silicon Solution Inc.

Part # EN25F05-75VIP
Description  512 Kbit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F05-75VIP Datasheet(HTML) 15 Page - Eon Silicon Solution Inc.

Back Button EN25F05-75VIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 15Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 16Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 17Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 18Page - Eon Silicon Solution Inc. EN25F05-75VIP Datasheet HTML 19Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
15
EN25F05
Rev. B, Issue Date: 2008/06/23
Sector Erase (SE) (20h)
The Sector Erase (SE) instruction sets to 1 (FFh) all bits inside the chosen sector. Before it can be
accepted, a Write Enable (WREN) instruction must previously have been executed. After the Write
Enable (WREN) instruction has been decoded, the device sets the Write Enable Latch (WEL).
The Sector Erase (SE) instruction is entered by driving Chip Select (CS#) Low, followed by the in-
struction code, and three address bytes on Serial Data Input (DI). Any address inside the Sector
(see Table 2) is a valid address for the Sector Erase (SE) instruction. Chip Select (CS#) must be
driven Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 12. Chip Select (CS#) must be driven High after the
eighth bit of the last address byte has been latched in, otherwise the Sector Erase (SE) instruction is
not executed. As soon as Chip Select (CS#) is driven High, the self-timed Sector Erase cycle
(whose duration is tSE) is initiated. While the Sector Erase cycle is in progress, the Status Register
may be read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is
1 during the self-timed Sector Erase cycle, and is 0 when it is completed. At some unspecified time
before the cycle is completed, the Write Enable Latch (WEL) bit is reset.
A Sector Erase (SE) instruction applied to a sector which is protected by the Block Protect (BP2,
BP1, BP0) bits (see Table 3) is not executed.
Figure 12. Sector Erase Instruction Sequence Diagram
Block Erase (BE) (D8h/52h)
The Block Erase (BE) instruction sets to 1 (FFh) all bits inside the chosen block. Before it can be
accepted, a Write Enable (WREN) instruction must previously have been executed. After the Write
Enable (WREN) instruction has been decoded, the device sets the Write Enable Latch (WEL).
The Block Erase (BE) instruction is entered by driving Chip Select (CS#) Low, followed by the in-
struction code, and three address bytes on Serial Data Input (DI). Any address inside the Block (see
Table 2) is a valid address for the Block Erase (BE) instruction. Chip Select (CS#) must be driven
Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 13. Chip Select (CS#) must be driven High after the
eighth bit of the last address byte has been latched in, otherwise the Block Erase (BE) instruction is
not executed. As soon as Chip Select (CS#) is driven High, the self-timed Block Erase cycle (whose
duration is tSE) is initiated. While the Block Erase cycle is in progress, the Status Register may be
read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1
during the self-timed Block Erase cycle, and is 0 when it is completed. At some unspecified time
before the cycle is completed, the Write Enable Latch (WEL) bit is reset.
A Block Erase (BE) instruction applied to a block which is protected by the Block Protect (BP2, BP1,
BP0) bits (see Table 3) is not executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com