Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25F10-75VIP Datasheet(PDF) 28 Page - Eon Silicon Solution Inc.

Part # EN25F10-75VIP
Description  1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25F10-75VIP Datasheet(HTML) 28 Page - Eon Silicon Solution Inc.

Back Button EN25F10-75VIP Datasheet HTML 23Page - Eon Silicon Solution Inc. EN25F10-75VIP Datasheet HTML 24Page - Eon Silicon Solution Inc. EN25F10-75VIP Datasheet HTML 25Page - Eon Silicon Solution Inc. EN25F10-75VIP Datasheet HTML 26Page - Eon Silicon Solution Inc. EN25F10-75VIP Datasheet HTML 27Page - Eon Silicon Solution Inc. EN25F10-75VIP Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25F10-75VIP Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25F10-75VIP Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25F10-75VIP Datasheet HTML 31Page - Eon Silicon Solution Inc.  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
28
EN25F10
Rev. B, Issue Date: 2008/06/23
PACKAGE MECHANICAL
Figure 26. SOP 8 ( 150 mil )
MIN.
NOR
MAX
A
1.35
- - -
1.75
A1
0.10
- - -
0.25
A2
- - -
- - -
1.50
D
4.80
- - -
5.00
E
5.80
- - -
6.20
E1
3.80
- - -
4.00
e
- - -
1.27
- - -
b
0.33
- - -
0.51
L0.4
- - -
1.27
θ
0
0
- - -
8
0
Note : 1. Coplanarity: 0.1 mm
2. Max. allowable mold flash is 0.15 mm
at the pkg ends, 0.25 mm between leads.
SYMBOL
DIMENSION IN MM
b
Detail A
Detail A
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com