Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25LF10-75VIP Datasheet(PDF) 4 Page - Eon Silicon Solution Inc.

Part # EN25LF10-75VIP
Description  1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25LF10-75VIP Datasheet(HTML) 4 Page - Eon Silicon Solution Inc.

  EN25LF10-75VIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25LF10-75VIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25LF10-75VIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25LF10-75VIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25LF10-75VIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25LF10-75VIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25LF10-75VIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25LF10-75VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25LF10-75VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
4
EN25LF10
Rev. B, Issue Date: 2008/06/23
MEMORY ORGANIZATION
The memory is organized as:
131,072 bytes
Uniform Sector Architecture
4 blocks of 32-Kbyte
32 sectors of 4-Kbyte
512 pages (256 bytes each)
Each page can be individually programmed (bits are programmed from 1 to 0). The device is Sector,
Block or Chip Erasable but not Page Erasable.
Table 2. Uniform Block Sector Architecture
Block
Sector
Address range
31
01F000h
01FFFFh
30
01E000h
01EFFFh
29
01D000h
01DFFFh
28
01C000h
01CFFFh
27
01B000h
01BFFFh
26
01A000h
01AFFFh
25
019000h
019FFFh
3
24
018000h
018FFFh
23
017000h
017FFFh
22
016000h
016FFFh
21
015000h
015FFFh
20
014000h
014FFFh
19
013000h
013FFFh
18
012000h
012FFFh
17
011000h
011FFFh
2
16
010000h
010FFFh
15
00F000h
00FFFFh
14
00E000h
00EFFFh
13
00D000h
00DFFFh
12
00C000h
00CFFFh
11
00B000h
00BFFFh
10
00A000h
00AFFFh
9
009000h
009FFFh
1
8
008000h
008FFFh
7
007000h
007FFFh
6
006000h
006FFFh
5
005000h
005FFFh
4
004000h
004FFFh
3
003000h
003FFFh
2
002000h
002FFFh
1
001000h
001FFFh
0
0
000000h
000FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com