Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25LF20-75VIP Datasheet(PDF) 6 Page - Eon Silicon Solution Inc.

Part # EN25LF20-75VIP
Description  2 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25LF20-75VIP Datasheet(HTML) 6 Page - Eon Silicon Solution Inc.

Back Button EN25LF20-75VIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25LF20-75VIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25LF20-75VIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25LF20-75VIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25LF20-75VIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25LF20-75VIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25LF20-75VIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25LF20-75VIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25LF20-75VIP Datasheet HTML 10Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
6
EN25LF20
Rev. B, Issue Date: 2008/06/23
BP2, BP1, BP0 bits.
The Block Protect (BP2, BP1, BP0) bits are non-volatile. They define the size
of the area to be software protected against Program and Erase instructions.
SRP bit / OTP_LOCK bit
The Status Register Protect (SRP) bit is operated in conjunction with the
Write Protect (WP#) signal. The Status Register Protect (SRP) bit and Write Protect (WP#) signal
allow the device to be put in the Hardware Protected mode. In this mode, the non-volatile bits of the
Status Register (SRP, BP2, BP1, BP0) become read-only bits.
In OTP mode, this bit is served as OTP_LOCK bit, user can read/program/erase OTP sector as
normal sector while OTP_LOCK value is equal 0, after OTP_LOCK is programmed with 1 by WRSR
command, the OTP sector is protected from program and erase operation. The OTP_LOCK bit can
only be programmed once.
Note :
In OTP mode, the WRSR command will ignore any input data and program OTP_LOCK bit to
1, user must clear the protect bits before enter OTP mode and program the OTP code, then execute
WRSR command to lock the OTP sector before leaving OTP mode.
Write Protection
Applications that use non-volatile memory must take into consideration the possibility of noise and
other adverse system conditions that may compromise data integrity. To address this concern the
EN25LF20 provides the following data protection mechanisms:
Power-On Reset and an internal timer (tPUW) can provide protection against inadvertent
changes while the power supply is outside the operating specification.
Program, Erase and Write Status Register instructions are checked that they consist of a
number of clock pulses that is a multiple of eight, before they are accepted for execution.
All instructions that modify data must be preceded by a Write Enable (WREN) instruction to set
the Write Enable Latch (WEL) bit . This bit is returned to its reset state by the following events:
– Power-up
–
Write Disable (WRDI) instruction completion or Write Status Register (WRSR) instruction
completion or Page Program (PP) instruction completion or Sector Erase (SE) instruction
completion or Block Erase (BE) instruction completion or Chip Erase (CE) instruction
completion
The Block Protect (BP2, BP1, BP0) bits allow part of the memory to be configured as read-only.
This is the Software Protected Mode (SPM).
The Write Protect (WP#) signal allows the Block Protect (BP2, BP1, BP0) bits and Status
Register Protect (SRP) bit to be protected. This is the Hardware Protected Mode (HPM).
In addition to the low power consumption feature, the Deep Power-down mode offers extra
software protection from inadvertent Write, Program and Erase instructions, as all instructions
are ignored except one particular instruction (the Release from Deep Power-down instruction).
TABLE 3. Protected Area Sizes Sector Organization
Status Register
Content
Memory Content
BP2
Bit
BP1
Bit
BP0
Bit
Protect Blocks
Protect
Addresses
Protect
Density(KB)
Protect
Portion
1
1
1
All
000000h-03FFFFh
256KB
All
1
1
0
sector 0 to sector 61
000000h-03DFFFh
248KB
Lower 31/32
1
0
1
sector 0 to sector 59
000000h-03BFFFh
240KB
Lower 30/32
1
0
0
None
None
None
None
0
1
1
All
000000h-03FFFFh
256KB
All
0
1
0
Block 2 to 3
020000h-03FFFFh
128KB
Upper 1/2
0
0
1
Block 3
030000h-03FFFFh
64KB
Upper 1/4
0
0
0
None
None
None
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com