Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP37AFK Datasheet(PDF) 6 Page - Texas Instruments

Part # OP37AFK
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP37AFK Datasheet(HTML) 6 Page - Texas Instruments

Back Button OP37AFK Datasheet HTML 2Page - Texas Instruments OP37AFK Datasheet HTML 3Page - Texas Instruments OP37AFK Datasheet HTML 4Page - Texas Instruments OP37AFK Datasheet HTML 5Page - Texas Instruments OP37AFK Datasheet HTML 6Page - Texas Instruments OP37AFK Datasheet HTML 7Page - Texas Instruments OP37AFK Datasheet HTML 8Page - Texas Instruments OP37AFK Datasheet HTML 9Page - Texas Instruments OP37AFK Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
OP27A, OP27C, OP27E, OP27G
OP37A, OP37C, OP37E, OP37G
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
SLOS100B – FEBRUARY 1989 – REVISED AUGUST 1994
2–6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
OP27 operating characteristics over operating free-air temperature range, VCC± = ±15 V
PARAMETER
TEST CONDITIONS
OP27A, OP27E
OP27C, OP27G
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SR
Slew rate
AVD ≥ 1,
RL ≥ 2 kΩ
1.7
2.8
1.7
2.8
V/
µs
VN(PP)
Peak-to-peak equivalent
input noise voltage
f = 0.1 Hz to 10 Hz, RS = 20 Ω,
See Figure 34
0.08
0.18
0.09
0.25
µV
f = 10 Hz,
RS = 20 Ω
3.5
5.5
3.8
8
Vn
Equivalent input noise voltage
f = 30 Hz,
RS = 20 Ω
3.1
4.5
3.3
5.6
nV/
√Hz
f = 1 kHz,
RS = 20 Ω
3
3.8
3.2
4.5
f = 10 Hz,
See Figure 35
1.5
4
1.5
In
Equivalent input noise current
f = 30 Hz,
See Figure 35
1
2.3
1
pA/
√Hz
f = 1 kHz,
See Figure 35
0.4
0.6
0.4
0.6
Gain-bandwidth product
f = 100 kHz
5
8
5
8
MHz
OP37 operating characteristics over operating free-air temperature range, VCC± = ±15 V
PARAMETER
TEST CONDITIONS
OP37A, OP37E
OP37C, OP37G
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SR
Slew rate
AVD ≥ 5,
RL ≥ 2 kΩ
11
17
11
17
V/
µs
VN(PP)
Peak-to-peak equivalent
input noise voltage
f = 0.1 Hz to 10 Hz, RS = 20 Ω,
See Figure 34
0.08
0.18
0.09
0.25
µV
Ei
lt i
t
i
f = 10 Hz,
RS = 20 Ω
3.5
5.5
3.8
8
Vn
Equivalent input noise
voltage
f = 30 Hz,
RS = 20 Ω
3.1
4.5
3.3
5.6
nV/
√Hz
voltage
f = 1 kHz,
RS = 20 Ω
3
3.8
3.2
4.5
f = 10 Hz,
See Figure 35
1.5
4
1.5
In
Equivalent input noise current
f = 30 Hz,
See Figure 35
1
2.3
1
pA/
√Hz
f = 1 kHz,
See Figure 35
0.4
0.6
0.4
0.6
Gain bandwidth product
f = 10 kHz
45
63
45
63
MHz
Gain-bandwidth product
AV ≥ 5,
f = 1 MHz
40
40
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com