Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLSM-4 Datasheet(PDF) 2 Page - HAMLIN Position and Movement Sensor Solutions

Part # MLSM-4
Description  Surface mounting normally open switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

MLSM-4 Datasheet(HTML) 2 Page - HAMLIN Position and Movement Sensor Solutions

  MLSM-4 Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions MLSM-4 Datasheet HTML 2Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1,9±0.4 TYP.
(.075±.016)
Ø2
1,0
±0
.4
Ø13,0±0.2
(.512±.008)
(.8
27
±.0
16
)
4,00
2,00
(.079)
(.157)
Ø1,50 -0
(.059
)
(.067
)
Ø1,70
+.004
+0,10
-0
-.002
+.006
-0,05
+0,15
(.240)
6,10
Ø2,00
1,17
(.046)
(.075)
1,90
7.5°
2,82
(.111)
3.0°
(.240)
6,10
(.084)
2,13
(.315)
8,00
(.069)
1,75
(.559)
14,20
(.079)
28,40
(1.118)
(.059
)
Ø1,50
+.004
+0,10
-0
-0
(1.276
)
MEASURED AT HUB
+.008
+0.2
(32,4
)
-0
-0
38,4 MAX.
(1.512)
(12.992
)
330,00
(3.937±.020)
100,0±0,50
+0,25
-0,76
+.010
-.030
2. ALL POCKET DIMENSIONS ARE ±(.004") 0,10mm
3. ALL DIMENSIONS ARE TO INSIDE OF POCKET
1. ALL TAPE & SPROCKET HOLE DIMENSIONS
ARE PER FIA-481 UNLESS NOTED
(.016)
0,41
32,00
(1.260)
7.5°
(.670)
17,02
(.830)
21,08
www.hamlin.com
Issue:1 19/11/04 DCR:B2737
DETAILS ON THIS DATA SHEET ARE PROVIDED FOR INFORMATION PURPOSES ONLY &
SHOULD NOT BE RELIED UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE
Product performance may be affected by the application that the part is used for.
Upon request Hamlin will assist purchasers by providing information specific to a particular application.
Hamlin disclaims all liability whatsoever for any purchaser’s reliance upon the information
contained in this data sheet without further consultation with Hamlin’s authorised representatives.
TAPE DIMENSIONS (in) mm
REEL DIMENSIONS (in) mm
File E47258
MLSM-4 REED SWITCH
Packaging: - Bulk - 100 per Box or Tape and Reel - 3,000 per Reel
Sheet 2 of 2 Sheets
®
Hamlin USA
Tel: +1 920 648 3000 Fax: +1 920 648 3001 Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0) 1379 649700 Fax: +44 (0) 1379 649702 Email: sales.uk@hamlin.com
Hamlin Germany
Tel: +49 (0) 6142 923920 Fax: +49 (0) 6142 923921 Email: sales.de@hamlin.com
Hamectrol France Tel: +33 (0) 1 6047 3000 Fax: +33 (0) 1 6015 9136 Email: sales.fr@hamlin.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com