Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT5111C Datasheet(PDF) 1 Page - Texas Instruments

Part # PT5111C
Description  1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5111C Datasheet(HTML) 1 Page - Texas Instruments

  PT5111C Datasheet HTML 1Page - Texas Instruments PT5111C Datasheet HTML 2Page - Texas Instruments PT5111C Datasheet HTML 3Page - Texas Instruments PT5111C Datasheet HTML 4Page - Texas Instruments PT5111C Datasheet HTML 5Page - Texas Instruments PT5111C Datasheet HTML 6Page - Texas Instruments PT5111C Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
Description
The PT5100 modules are a series of
economical, easy-to-use 1-A positive
step-down, Integrated Switching Regu-
lators (ISRs). These ISRs are compatible
with most TO-220 style linear regulators,
and when employed as a linear replace-
ment, provide significant benefits in
both efficiency and power dissipation.
They are recommended for use in a wide
variety of on-board power regulation
applications. These include computer,
data storage, industrial controls, and
battery powered equipment. Modules
are laser-trimmed for optimal output
voltage accuracy, and exhibit excellent
line and load regulation. The PT5100
also features output current limiting
and thermal shutdown protection.
PT Series Suffix (PT1234x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(EAD)
Horizontal
A
(EAA)
SMD
C
(EAC)
Horizontal, 2-pin Tab
M
(EAM)
SMD, 2-Pin Tab
L
(EAL)
(Reference the applicable package code drawing for
the dimensions and PC board layout)
PT5100 Series
1-A Positive Step-down
Integrated Switching Regulator
SLTS028B
(Revised 11/8/2001)
Features
• 90%+ Efficiency
• Internal Short-Circuit Protection
• Pin-Compatible with 3-Terminal
Linear Regulators
• Laser-Trimmed Output Voltage
• Over-Temperature Protection
• Small Footprint
• Wide Input Range
• 5-Pin Mount Option
(Suffixes L & M)
Pin-Out Information
Pin
Function
1
Vin
2
GND
3
V
out
Ordering Information
PT5101
¨ = +5.0 Volts
PT5102
¨ = +12.0 Volts
PT5103
¨ = +3.3 Volts
PT5105
¨ = +6.5 Volts
PT5107
¨ = +15.0 Volts
PT5109
¨ = +5.6 Volts
PT5110
¨ = +9.0 Volts
PT5111
¨ = +10.0 Volts
PT5112
¨ = +8.0 Volts
C1 = Optional 1µF ceramic capacitor
C2 = Required 100µF electrolytic
PT5100
3
2
1
C
1
1µF
C
2
100µF
+
L
O
A
D
+V
OUT
COM
COM
+V
IN
Package (EAD)


Similar Part No. - PT5111C

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT5111 PTC-PT5111 Datasheet
346Kb / 5P
61CH DV/DSC Motor Driver
More results

Similar Description - PT5111C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
78ST300 TI-78ST300 Datasheet
190Kb / 3P
3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
Revised 6/30/98
PT6100 TI-PT6100 Datasheet
275Kb / 5P
1 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST300 TI-78ST300_07 Datasheet
210Kb / 4P
3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78HT305 TI1-78HT305 Datasheet
204Kb / 3P
3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST205 TI1-78ST205 Datasheet
222Kb / 4P
2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST305 TI1-78ST305 Datasheet
207Kb / 3P
3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6101A TI1-PT6101A Datasheet
592Kb / 8P
1 Amp Adjustable Positive Step-down Integrated Switching Regulator
PT78HT208S TI1-PT78HT208S Datasheet
469Kb / 3P
2 Amp Positive Step-Down Integrated Switching Regulator
78SR100 TI1-78SR100_14 Datasheet
232Kb / 5P
1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST200 TI1-78ST200_14 Datasheet
228Kb / 5P
2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com