Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT10410 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # PT10410
Description  16 PIN DIP PULSE TRANSFORMERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

PT10410 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  PT10410 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
May 7, 2007
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
15
16
SCHEMATIC
16
1
.38 Min
.015
.30 X .45
.012 X .018
Solderable
Leads (16 PLC's)
MILLIMETERS .XX
INCHES .XXX
8.38
.330
4
3
14
13
8
7
10
9
5
6
11
12
9
8
6.35 MAX
.250
22.35 MAX
.880
3.81 MIN
.150
17.78*@2.54
.700*@.100
7.11 MAX
.280
*Non Accumulative
Tolerance
ELECTRICAL SPECIFICATIONS AT 25ºC
DCR (MAX)
Ohm
Part
Number
Turns
Ratio
(+/-5%)
Primary
Inductance
(uH +/-20%)
ET Product
VµSec (Min)
Leakage Inductance
(MAX) µH
Interwinding
Capacitance
(MAX) pF
PRI
SEC
PT10410
PT10411
PT10412
PT10413
PT10414
PT10415
PT10416
PT10417
PT10418
PT10419
1:1
1:1
1:1
1:1
1:1
2:1
2:1
2:1
2:1
2:1
500
200
100
50
20
500
200
100
50
20
4.3
3.0
2.1
2.5
1.5
4.3
3.0
2.1
2.5
1.5
0.60
0.45
0.35
0.40
0.35
1.00
0.80
0.60
0.70
0.60
25
15
10
9
6
13
10
7
6
5
0.70
0.45
0.30
0.32
0.30
0.70
0.45
0.30
0.35
0.30
0.70
0.45
0.30
0.32
0.30
0.35
0.23
0.15
0.18
0.15
Notes:
1.
For non-RoHS parts replace DR prefix with 42- (e.g. PT10410 becomes 42-10410)
2.
Terminal finish is compliant to RoHS requirements
104 SERIES 16 PIN DIP PULSE TRANSFORMERS
Features
Pick and Place compatible
Low Profile
Economical Package – 4 Transformers per Package
Low Leakage Inductance and Interwinding Capacitance for Fast Rise Time
Tinned Leads with Leaded Solder is Available
(note 1)
Rating Range per Package
Average Power Rating (40°C Rise)
: 250 mW
Dissipation Rating
: 75 mW
Peak Pulse Voltage
: 50 Volts
High Dielectric withstanding Voltage
: 200 Vrms
Insulation Resistance
: 10,000 MegΩ
±0.25
±0.015


Similar Part No. - PT10410

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PT104J2 LITTELFUSE-PT104J2 Datasheet
678Kb / 2P
PT Series Standard Precision Interchangeable Thermistors
February 26, 2018
PT104R2 LITTELFUSE-PT104R2 Datasheet
678Kb / 2P
PT Series Standard Precision Interchangeable Thermistors
February 26, 2018
More results

Similar Description - PT10410

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
766 CANDD-766 Datasheet
302Kb / 2P
Pulse Transformers
logo
List of Unclassifed Man...
G301 ETC-G301 Datasheet
38Kb / 1P
SMD & DIP RF/PULSE TRANSFORMERS
76600-1 ETC2-76600-1 Datasheet
302Kb / 2P
Pulse Transformers
logo
Rhombus Industries Inc.
T-50515G RHOMBUS-IND-T-50515G Datasheet
32Kb / 1P
Pulse Transformer Quad 16-Pin DIP
05/01/96
logo
Datatronic Distribution...
PT10510 DATATRONICS-PT10510 Datasheet
87Kb / 1P
16 PIN DIL PULSE TRANSFORMERS
logo
Murata Manufacturing Co...
KMP_1000 MURATA-KMP_1000 Datasheet
109Kb / 2P
Pulse Transformers
logo
Bothhand USA, LP.
16PT8510 BOTHHAND-16PT8510 Datasheet
377Kb / 6P
10/100 BASE PULSE TRANSFORMERS (DIP)
logo
TDK Electronics
TLA-6T127LF-T TDK-TLA-6T127LF-T Datasheet
412Kb / 34P
Pulse transformers
logo
Bothhand USA, LP.
16PT8512BLF BOTHHAND-16PT8512BLF Datasheet
830Kb / 3P
10/100 BASE PULSE TRANSFORMERS (DIP)
logo
Murata Power Solutions ...
766 MURATA-PS-766 Datasheet
162Kb / 3P
Pulse Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com