Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT10514 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # PT10514
Description  16 PIN DIL PULSE TRANSFORMERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

PT10514 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  PT10514 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
November 7, 2006
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
15
16
SCHEMATIC
16
1
MILLIMETERS .XX
INCHES .XXX
4
3
14
13
8
7
10
9
5
6
11
12
9
8
17.78
.700
25.40 MAX
1.00
10.16 MAX
.400
7.11 MAX
.280
12.70 MIN
.500
2.54
.100
#24 AWG Round Leads
Solder Plated
7.62
.300
ELECTRICAL SPECIFICATIONS AT 25ºC
DCR (MAX)
Ohm
Part
Number
Turns
Ratio
(+/-5%)
Primary
Inductance
(uH +/-20%)
ET Product
VµSec (Min)
Leakage Inductance
(MAX) µH
Interwinding
Capacitance
(MAX) pF
PRI
SEC
PT10510
PT10511
PT10512
PT10513
PT10514
PT10515
PT10516
PT10517
PT10518
PT10519
1:1
1:1
1:1
1:1
1:1
1:1
2:1
2:1
2:1
2:1
240
110
60
25
12
6
240
110
60
25
8.0
5.0
4.0
2.5
2.0
1.4
8.0
5.0
4.0
2.5
0.45
0.35
0.25
0.20
0.20
0.20
1.20
0.70
0.60
0.55
50
35
30
30
20
20
30
25
20
15
1.00
0.75
0.40
0.30
0.30
0.25
0.65
0.50
0.40
0.30
1.00
0.75
0.40
0.30
0.30
0.25
0.40
0.30
0.25
0.20
Notes:
1.
For non-RoHS parts replace DR prefix with 42- (e.g. PT10510 becomes 42-10510)
2.
Terminal finish is compliant to RoHS requirements
105 SERIES 16 PIN DIL PULSE TRANSFORMERS
Features
High ET-Product – Allows Long Pulse Width
Economical Package – 4 Transformers per Package
Low Leakage Inductance and Interwinding Capacitance for Fast Rise Time
Tinned Leads with Leaded Solder is Available
(note 1)
Rating Range per Package
Average Power Rating (40°C Rise)
: 250 mW
Dissipation Rating
: 75 mW
Peak Pulse Voltage
: 50 Volts
High Dielectric withstanding Voltage
: 200 Vrms
Insulation Resistance
: 10,000 MegΩ
± .010
± .25


Similar Part No. - PT10514

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT105 ETC-PT105 Datasheet
100Kb / 2P
pulse transformers
Friday, 24 March 2006
More results

Similar Description - PT10514

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1000 CANDD-1000 Datasheet
360Kb / 1P
Pulse Transformers
766 CANDD-766 Datasheet
302Kb / 2P
Pulse Transformers
logo
Bel Fuse Inc.
S553-3855-01 BEL-S553-3855-01 Datasheet
55Kb / 1P
PULSE TRANSFORMERS
logo
List of Unclassifed Man...
612G ETC2-612G Datasheet
155Kb / 1P
PULSE TRANSFORMERS
76600-1 ETC2-76600-1 Datasheet
302Kb / 2P
Pulse Transformers
logo
Datatronic Distribution...
PT10410 DATATRONICS-PT10410 Datasheet
94Kb / 1P
16 PIN DIP PULSE TRANSFORMERS
logo
Murata Manufacturing Co...
KMP_1000 MURATA-KMP_1000 Datasheet
109Kb / 2P
Pulse Transformers
logo
TDK Electronics
TLA-7T201LF-T TDK-TLA-7T201LF-T Datasheet
412Kb / 34P
Pulse transformers
TLA-6T127LF-T TDK-TLA-6T127LF-T Datasheet
412Kb / 34P
Pulse transformers
logo
Murata Power Solutions ...
766 MURATA-PS-766 Datasheet
162Kb / 3P
Pulse Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com