Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT21701 Datasheet(PDF) 2 Page - Datatronic Distribution, Inc.

Part # PT21701
Description  RADIAL LEAD INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

PT21701 Datasheet(HTML) 2 Page - Datatronic Distribution, Inc.

  PT21701 Datasheet HTML 1Page - Datatronic Distribution, Inc. PT21701 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
March 27, 2006
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
SCHEMATIC
A
B
C
E
F
UL TUBE
D
MECHANICAL OUTLINES
Dimensions
A
Max
B
C
D
Max
E
Max
F
Ref
Package A
10.0mm
0.393”
12.0-15.0mm
0.472-0.590”
5.0±0.5mm
0.196±0.020”
8.0mm
0.314”
0.70mm
0.027”
1.5mm
0.059”
Package B
10.5mm
0.413”
15.0-20.0mm
0.590-0.787”
5.0±0.5mm
0.196±0.020”
9.5mm
0.374”
0.70mm
0.027”
1.5mm
0.059”
Package C
13.0mm
0.511”
15.0-20.0mm
0.590-0.787”
5.0±0.5mm
0.196±0.020”
10.5mm
0.413”
0.70mm
0.027”
1.5mm
0.059”



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com