Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLWS132 Datasheet(PDF) 44 Page - Texas Instruments

Part # SLWS132
Description  QUAD RECEIVER CHIP
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLWS132 Datasheet(HTML) 44 Page - Texas Instruments

Back Button SLWS132 Datasheet HTML 38Page - Texas Instruments SLWS132 Datasheet HTML 39Page - Texas Instruments SLWS132 Datasheet HTML 40Page - Texas Instruments SLWS132 Datasheet HTML 41Page - Texas Instruments SLWS132 Datasheet HTML 42Page - Texas Instruments SLWS132 Datasheet HTML 43Page - Texas Instruments SLWS132 Datasheet HTML 44Page - Texas Instruments SLWS132 Datasheet HTML 45Page - Texas Instruments SLWS132 Datasheet HTML 46Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
GRAYCHIP, INC.
- 39 -
APRIL 27, 1999
GC4014 QUAD RECEIVER CHIP
DATA SHEET REV 0.6
This document contains information which may be changed at any time without notice
7.9
OPTIMAL GAIN SETTINGS
The overall gain of the chip is the product of the CIC gain, the coarse gain, the CFIR gain, the PFIR gain
and the final gain. Each of these components are:
The signal flows through these sections in the order given. The gain settings which optimize the dynamic
range of the chip, are the ones that maximize the signal amplitude without clipping at the output of each of these
processing stages. A conservative approach to gain would be to set each gain component so that the product of the
gains at each processing point in the flow is less than or equal to unity.
The conservative approach, described above, is usually less than optimal. The optimal gain takes the
following considerations into account.
7.9.1
Tuning Loss
The input to the chip can be described as a signal S(t) modulated to a center frequency of “w”. The input is,
therefore, S(t)cos(wt) = S(t)(ejwt+e-jwt)/2. If the downconverter tunes to the frequency “w”, then the tuner output will
be S(t)(1.0+e-2wt)/2. The filters will then reject the component at “-2w”, leaving just the signal S(t)/2. This loss of
one-half amplitude can be compensated for by setting the overall gain equal to 2, not unity. The tuning gain loss
occurs after the CIC filters, so the optimum gain approach is to use gain settings that keep the gain product after
the coarse, CFIR, PFIR and final gain stages equal to 2.
7.9.2
Uniform Power Inputs
The gain can be further optimized if the user has control over the power levels of the signals in the input
bands. If all of the signals in the input are close to equal power, then the gain of the downconverted signal can be
boosted to maximize its dynamic range. For example, if there are “M” signals of equal power in the input band, then
the amplitude of each signal is
. This means that the gain can be boosted by a factor of
within the
downconverter. The coarse gain can be used to add the additional gain.
Examples of applications which can use this feature are FM-FDM systems, cellular systems which use
power control, and wireless local loop systems that fix the power level of each remote transmitter.
CIC gain
N
4
2
SCALE
6
BIG_SCALE
×
56
–
+
()
=
Coarse gain
2
COARSE
=
CFIR gain
1.0
NARROW
0.97
×
+
()
=
PFIR gain
PFIR_SUM
65536
----------------------------
=
Final gain
G
32
------
=
1
M
---------
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com