Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC1228W Datasheet(PDF) 1 Page - CSB Battery Co., Ltd.

Part # HC1228W
Description  specially designed for high efficient discharge application
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CSB-BATTERY [CSB Battery Co., Ltd.]
Direct Link  http://www.csb-battery.com
Logo CSB-BATTERY - CSB Battery Co., Ltd.

HC1228W Datasheet(HTML) 1 Page - CSB Battery Co., Ltd.

  HC1228W Datasheet HTML 1Page - CSB Battery Co., Ltd. HC1228W Datasheet HTML 2Page - CSB Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cells Per Unit
6
Voltage Per Unit
12
Capacity
28W @ 15min-rate to 1.67V per cell @25
(77
)
7Ah @ 20hr-rate to 1.75V per cell @25
(77
)
Weight
Approx.2.51 kg(5.53 lbs)
Maximum Discharge Current
60A(5sec)
Internal Resistance
Approx. 21m
Operating Temperature Range
Nominal Operating Temperature Range
25
3
(77
5
)
Float Charging Voltage
13.5 to 13.8 VDC/unit Average at 25
(77
)
Recommended Maximum Charging
2.8A
Current Limit
Equalization and Cycle Service
14.4 to 15.0 VDC/unit Average at 25
(77
)
Self Discharge
CSB Batteries can be stored for more than 6 months at
25
(77
). Please charge batteries before using. For
higher temperatures the time interval will be shorter.
Terminal
C1-Faston Tab187/250
Container Material
ABS(UL 94-HB/File E50263)*Flammability resistance of
(UL 94-V0/File E88637) can be available upon request.
Discharge: -15
~50
( 5
~122
)
Charge: -15
~40
( 5
~104
)
Storage: -15
~40
( 5
~104
)
Constant Power Discharge Characteristics
Unit:W (25
,77
)
Constant Current Discharge Characteristics
Unit:A (25
,77
)
HC 1228W
12V 28W
Specification
Powered by
HC 1228W is specially designed for high efficient discharge
application. Its invisible terminals can be inserted PC board
directly. HC series battery can serve more tha n 260 cycles
at 100 % discharge in cycle service, up to 5 years in standby
service.
Width (W)
Dimensions :
Unit: mm (inch)
Overall Height (H)
Container height (h)
Length (L)
127.5±1.5 (5.0±0.06)
126±1.5 (4.96±0.06)
139.7±1.5 (5.5±0.06)
48±1.0 (1.89±0.04)
RA: 0812
F.V/Time
2MIN
4MIN
6MIN
8MIN
10MIN
15MIN
20MIN
30MIN
60MIN
90MIN
1.60V
48.6
38.2
31.3
27.2
23.3
18.0
14.9
11.6
7.33
4.75
1.67V
46.9
36.8
30.2
26.3
22.7
17.5
14.7
11.5
7.26
4.59
1.70V
45.2
35.4
29.3
25.5
22.1
17.0
14.4
11.4
7.19
4.43
1.75V
43.4
34.0
28.2
24.5
21.4
16.6
14.2
11.3
7.12
4.29
1.80V
41.4
32.6
27.1
23.6
20.8
16.3
14.0
11.2
7.03
4.14
1.85V
39.4
30.9
26.0
22.7
20.1
16.0
13.8
11.1
6.92
4.00
F.V/Time
2MIN
4MIN
6MIN
8MIN
10MIN
15MIN
20MIN
30MIN
60MIN
90MIN
1.60V
583
458
375
326
280
212
175
139
89.5
57.0
1.67V
563
442
361
315
273
207
173
138
88.6
55.1
1.70V
544
425
349
304
265
202
170
137
87.7
53.2
1.75V
522
408
337
293
258
197
167
135
86.8
51.5
1.80V
498
391
325
280
248
193
164
134
86.0
49.7
1.85V
473
371
312
268
239
187
161
133
85.1
48.0
CSB-manufactured
VRLA batteries are UL-
recognized components
under UL924 and UL1989.
CSB is also certified by
ISO 9001 and ISO 14001.


Similar Part No. - HC1228W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC12280 ETC1-HC12280 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC12281 ETC1-HC12281 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC12283 ETC1-HC12283 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC12287 ETC1-HC12287 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
More results

Similar Description - HC1228W

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
HR1221W CSB-BATTERY-HR1221W Datasheet
488Kb / 2P
specially designed for high efficient discharge application
HR12120W CSB-BATTERY-HR12120W Datasheet
498Kb / 2P
specially designed for high efficient discharge application
HR1224W CSB-BATTERY-HR1224W Datasheet
486Kb / 2P
specially designed for high efficient discharge application
HR1227W CSB-BATTERY-HR1227W Datasheet
528Kb / 2P
specially designed for high efficient discharge application
HR1234W CSB-BATTERY-HR1234W Datasheet
491Kb / 2P
specially designed for high efficient discharge application
HR1251W CSB-BATTERY-HR1251W Datasheet
490Kb / 2P
specially designed for high efficient discharge application
HRL1210W CSB-BATTERY-HRL1210W Datasheet
524Kb / 2P
specially designed for high efficient discharge application
HRL12330W CSB-BATTERY-HRL12330W Datasheet
545Kb / 2P
specially designed for high efficient discharge application
HRL1280W CSB-BATTERY-HRL1280W Datasheet
518Kb / 2P
specially designed for high efficient discharge application
HR1221W CSB-BATTERY-HR1221W_16 Datasheet
2Mb / 2P
specially designed for high efficient discharge application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com