Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCSO1H Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # MCSO1H
Description  Miniature SMD Clock-Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

MCSO1H Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  MCSO1H Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND MCSO1H Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MCSO1H Miniature SMD Clock-Oscillator
Overall stability ± 100ppm
5V Power Supply
20 to 160MHz
Date :
June 2003
Revision No. : 7
Revision Date : 11-05
Page 1 / 2
In accordance with our policy of continuous development and improvement,
we reserve the right to modify the design or the specifications of our products without prior notice.
Headquarters:
Micro Crystal
Div. of ETA SA
Mühlestrasse 14
CH-2540 Grenchen
Switzerland
Tel.
Fax
Internet
Email
+41 32 655 82 82
+41 32 655 80 90
www.microcrystal.ch
sales@microcrystal.ch
FREQUENCY STABILITY
OVER:
OPERATING TEMP. RANGE:
See note 1
OVERALL STABILITY:
< ±100ppm *
INCLUDING:
•
OVER OPERATING TEMPERATURE RANGE
•
ADJUSTMENT @ 25°C
•
LONG TERM AGING (10 YEARS)
•
STABILITY OVER SUPPLY VOLTAGE ±10%
•
STABILITY OVER LOAD (MIN. TO MAX.)
POWER SUPPLY
SUPPLY VOLTAGE:
Vdd = 5V
±10% *
INPUT CURRENT:
< 50mA*
OUTPUT
OUTPUT SIGNAL:
AC-MOS compatible *
SYMMETRY:
40 / 60% (min.) @ Vdd / 2 *
RISE & FALL TIME:
tr < 3ns
tf < 3ns *
LEVEL “0” & “1”:
< 0.4V
> Vdd – 0.5V
START-UP TIME:
< 5ms
FAN OUT (LOAD):
10 TTL / LS *
ENVIRONMENT
OPERABLE TEMP. RANGE:
-55 to +125°C
STORAGE TEMP. RANGE:
-65 to +125°C
VIBRATIONS:
10 to 2000Hz / 10g
SHOCKS:
5000g, 0.3ms, ½ sine
PACKAGE:
Ceramic
PACKAGE DIMENSIONS:
8.0 x 3.7 x 2.0mm
(see packaging info)
PROCESSING:
Reflow soldering 260°C / 10s max.
(see packaging info)
MISCELLANEOUS
* Customer’s specification on request
Note 1: Operating Temperature Range
MCSO1H-A:
0 to +70 °C
MCSO1H-B:
-40 to +85 °C
MCSO1H-C:
-55 to +125 °C
Option 1: Enable / Disable (on request)
See application circuit on page 2 for details
Pin 1:
Pin 3 (Fout)::
Open
Clock
H
Clock
L
High Z
Marking Example
MCSO1H-B
E/D
Type
Option 1
160.000 MHz
05.44
Frequency
Date Code
(PIN 1)
Ordering Information Example
MCSO1
H -
B
160MHz E/D xxx
Oscillator Type
MCSO1 = Miniature Surface
Mount Clock
Crystal Oscillator
Oscillator Version
Temperature Range
H = High Frequency
A = 0 to +70°C
B = -40 to 85°C
C = -55 to 125°C
X = Custom spec.
Oscillator Output
Frequency
Option 1:
E/D = Enable /
Disable
Customer
spec N°
STANDARD FREQUENCIES [MHz]
40.0000
40.6000
40.9600
44.2368
48.0000
49.1520
50.0000
50.7500
51.1500
51.2000
52.0000
55.2960
58.9824
60.0000
60.9000
61.3800
61.4400
64.0000
65.0000
65.5360
66.3552
72.0000
73.7280
76.8000
78.0000
80.0000
81.2000
81.8400
81.9200
88.4736
90.0000
96.0000
98.3040
100.0000
102.4000
104.0000
108.0000
110.5920
117.9640
120.0000
125.0000
128.0000
131.0720
132.7104
144.0000
150.0000
160.0000


Similar Part No. - MCSO1H

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO1H GOLLEDGE-MCSO1H Datasheet
142Kb / 1P
CMOS Oscillator
MCSO1H GOLLEDGE-MCSO1H Datasheet
566Kb / 4P
5.0V supply voltage
MCSO1H/C GOLLEDGE-MCSO1H/C Datasheet
60Kb / 1P
5V CMOS Oscillator Mil Temp
MCSO1HV GOLLEDGE-MCSO1HV Datasheet
60Kb / 1P
3.3V CMOS Oscillator Mil Temp
logo
MICORO CRYSTAL SWITZERL...
MCSO1HV MICROCRYSTAL-MCSO1HV Datasheet
52Kb / 2P
Miniature SMD Clock-Oscillator
More results

Similar Description - MCSO1H

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FXO-32F KSS-FXO-32F Datasheet
85Kb / 1P
Miniature Clock Crystal Oscillator
FXO-61F KSS-FXO-61F Datasheet
145Kb / 1P
Miniature Clock Crystal Oscillator
logo
Advanced Crystal Techno...
ACT9301 ACT-ACT9301 Datasheet
256Kb / 3P
miniature SMD clock oscillator
25/08/2005
logo
MICORO CRYSTAL SWITZERL...
MCSO1 MICROCRYSTAL-MCSO1 Datasheet
52Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1E MICROCRYSTAL-MCSO1E Datasheet
72Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1F MICROCRYSTAL-MCSO1F Datasheet
57Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1FV MICROCRYSTAL-MCSO1FV Datasheet
57Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1HV MICROCRYSTAL-MCSO1HV Datasheet
52Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1V MICROCRYSTAL-MCSO1V Datasheet
52Kb / 2P
Miniature SMD Clock-Oscillator
MCSO1EL MICROCRYSTAL-MCSO1EL Datasheet
76Kb / 2P
Miniature SMD Clock-Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com