Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OCXOS Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # OCXOS
Description  Oven Controlled Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

OCXOS Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  OCXOS Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND OCXOS Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OCXOS
Oven Controlled Crystal Oscillator
Sine Wave Output
12 V Power Supply
up to 20 MHz
DATE:
June 2003
Revision No.: 8
Page 1/2
In accordance with our policy of continuous development and improvement,
we reserve the right to modify the design or the specifications of our products without prior notice.
Headquarters:
Micro Crystal
Div. of ETA SA
Mühlestrasse 14
CH-2540 Grenchen
Switzerland
Tel.
Fax
Internet
Email
+41 32 655 82 82
+41 32 655 80 90
www.microcrystal.ch
sales@microcrystal.ch
FREQUENCY STABILITY
OVER:
OPERATING TEMP. RANGE :
see note 1
LONG TERM AGING 1ST YEAR: < ±0.7 ppm *
10 YEARS: < ±4.0 ppm *
SUPPLY VOLTAGE ±
±±
± 0.5 V
< ±0.1 ppm *
LOAD ±
±±
±10%:
< ±0.01 ppm
POWER SUPPLY
SUPPLY INPUT:
Vcc = 12 V ±0.5 V *
INPUT CURRENT :
< 25 mA @ +30 °C *
INPUT CURRENT :
< 40 mA @ -20 °C *
FREQUENCY CONTROL RANGE
CONTROL VOLTAGE:
see note 2
FREQUENCY DEVIATION:
> ±4 ppm *
RESPONSE SLOPE:
positive
OUTPUT
OUTPUT SIGNAL:
Sine wave
HARMONICS:
-10 dBc *
SPURIOUS:
-70 dBc *
LEVEL:
> 1Vpp < 2Vpp
LOAD:
> 1kΩ // 5pF ±10%
ENVIRONMENT
OPERABLE TEMP. RANGE:
-40 to +85 °C
STORAGE TEMP. RANGE:
-65 to +125 °C
VIBRATION:
10 to 2000 Hz / 10 g
SHOCK:
2000 g, 0.3 ms, ½ sine
PACKAGE:
DIL 14, 4 pins, GND to case
PACKAGE HEIGHT:
8 mm
(see packaging info)
WARM-UP
∆
∆
∆
∆F/F:
within spec after 30s @ 0°C *
CURRENT:
< 250 mA during 10s
MISCELLANEOUS
SHORT TERM STABILITY:
< 5 E-10 0.1 s to 30 s
Typical 5 E-11 @ 1 s
PHASE NOISE (BW = 1Hz):
(typical, @ 10MHz in static
conditions)
1
Hz : - 70 dBc / Hz
10 Hz : -100 dBc / Hz
100 Hz : -130 dBc / Hz
1 kHz : -140 dBc / Hz
*
Customer’s specification on request
NOTE 1
OCXOS-AR1, AV5
TEMP. RANGE *
0 to +60 °C
STABILITY *
±0.05 ppm
(0.1 ppm peak to peak)
OCXOS-BR1, BV5
TEMP. RANGE *
-20 to +70 °C
STABILITY *
±0.1 ppm
(0.2 ppm peak to peak)
OCXOS-CR1, CV5
TEMP. RANGE *
-40 to +85 °C
STABILITY *
±0.2 ppm
(0.4 ppm peak to peak)
NOTE 2
OCXOS-AR1, BR1, CR1
ADJUSTMENT
WITH RESISTOR
0 to 10 kΩ
(connected to ground)
INPUT IMPEDANCE
> -4.7 kΩ
OCXOS-AV5, BV5, CV5
ADJUSTMENT
WITH VOLTAGE
0 to 5 V
INPUT IMPEDANCE
> 47 kΩ
MARKING EXAMPLE
OCXOS-BV5
Type
Spec No.
20.000 MHz
01.25
Frequency
Date Code
12
(PIN 1)
Piece No.
ORDERING INFORMATION EXAMPLE
S
Oscillator Type
x x x
N°of
customer
spec.
OCXO = oven controlled
Crystal Oscillator
Frequency Adjustment
V 5
-
B
Temperature Range
A =
0 to +60°C; +/-0.05ppm
B = -20 to +70°C: +/-0.1ppm
C = -40 to +85°C; +/-0.2ppm
X = custom spec.
R1 = external resistor
V5 = voltage 5V
Y
= custom spec.
O
C
O
X
20 MHz
Oscillator output
frequency
Oscillator Version
S = sine wave
STANDARD FREQUENCIES (MHz)
10.0000
12.8000
16.0000
16.3840
19.4400
20.0000


Similar Part No. - OCXOS

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
OCXOST MICROCRYSTAL-OCXOST Datasheet
311Kb / 2P
HC-MOS output Up to 54 MHz stratum 3 compliant
OCXOST MICROCRYSTAL-OCXOST_16 Datasheet
311Kb / 2P
Digital switching
OCXOS MICROCRYSTAL-OCXOS_16 Datasheet
344Kb / 3P
Sine wave output from 10 to 54MHz
More results

Similar Description - OCXOS

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
Oven Controlled Crystal Oscillator
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
Oven Controlled Crystal Oscillator
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
OVEN CONTROLLED CRYSTAL OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com