Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OCXOV Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # OCXOV
Description  Oven Controlled Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

OCXOV Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  OCXOV Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND OCXOV Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OCXOV
Oven Controlled Crystal Oscillator
HC-MOS Output
5 V Power Supply
up to 40 MHz
DATE:
June 2003
Revision No.: 7
Page 1/2
In accordance with our policy of continuous development and improvement,
we reserve the right to modify the design or the specifications of our products without prior notice.
Headquarters:
Micro Crystal
Div. of ETA SA
Mühlestrasse 14
CH-2540 Grenchen
Switzerland
Tel.
Fax
Internet
Email
+41 32 655 82 82
+41 32 655 80 90
www.microcrystal.ch
sales@microcrystal.ch
FREQUENCY STABILITY
OVER:
OPERATING TEMP. RANGE :
see note 1
LONG TERM AGING 1ST YEAR: <
±0.7 ppm *
10 YEARS: <
±4.0 ppm *
SUPPLY VOLTAGE
± 0.2 V
<
±0.1 ppm*
LOAD
±10%:
<
±0.01 ppm
POWER SUPPLY
SUPPLY INPUT:
Vcc = 5 V
±0.2 V *
INPUT CURRENT :
< 70 mA @ +30 °C *
INPUT CURRENT :
< 110 mA @ -20 °C *
FREQUENCY CONTROL RANGE
CONTROL VOLTAGE:
see note 2
FREQUENCY DEVIATION:
>
±4 ppm *
RESPONSE SLOPE:
positive
OUTPUT
OUTPUT SIGNAL:
HC-MOS compatible
SYMMETRY:
40 (min.) /60 (max.)
% @ Vcc / 2 *
RISE AND FALL TIME:
tr < 7ns
tf < 7 ns *
LEVEL „0“ AND „1“:
< 0.4 V
> Vcc –0.5 V
FAN OUT (LOAD):
10 LS
ENVIRONMENT
OPERABLE TEMP. RANGE:
-40 to +85 °C
STORAGE TEMP. RANGE:
-65 to +125 °C
VIBRATION:
10 to 2000 Hz / 10 g
SHOCK:
2000 g, 0.3 ms, ½ sine
PACKAGE:
DIL 14, 4 pins, GND to case
PACKAGE HEIGHT:
8 mm
(see packaging info)
WARM-UP
ΔF/F:
within spec after 30s @ 0°C *
CURRENT:
< 250 mA during 10s
MISCELLANEOUS
SHORT TERM STABILITY:
< 5 E-10 0.1 s to 30 s
Typical 5 E-11 @ 1 s
PHASE NOISE (BW = 1Hz):
(typical, @ 10MHz in static
conditions)
1
Hz : - 70 dBc / Hz
10 Hz : -100 dBc / Hz
100 Hz : -130 dBc / Hz
1 kHz : -140 dBc / Hz
*
Customer’s specification on request
NOTE 1
OCXOV-AR1, AV5
TEMP. RANGE *
0 to +60 °C
STABILITY *
±0.2 ppm
(0.4 ppm peak to peak)
OCXOV-BR1, BV5
TEMP. RANGE *
-20 to +70 °C
STABILITY *
±0.3 ppm
(0.6 ppm peak to peak)
OCXOV-CR1, CV5
TEMP. RANGE *
-40 to +85 °C
STABILITY *
±0.5 ppm
(1 ppm peak to peak)
NOTE 2
OCXOV-AR1, BR1, CR1
ADJUSTMENT
WITH RESISTOR
0 to 10 k
Ω
(connected to ground)
INPUT IMPEDANCE
> -4.7 k
Ω
OCXOV-AV5, BV5, CV5
ADJUSTMENT
WITH VOLTAGE
0.5 to 5 V
INPUT IMPEDANCE
> 47 k
Ω
MARKING EXAMPLE
OCXOV-BV5
Type
Spec No.
20.000 MHz
01.25
Frequency
Date Code
12
(PIN 1)
Piece No.
ORDERING INFORMATION EXAMPLE
V
Oscillator Type
x x x
N° of
customer
spec.
OCXO = oven controlled
Crystal Oscillator
Frequency Adjustment
V 5
-
B
Temperature Range
A =
0 to +60°C; +/-0.2ppm
B = -20 to +70°C: +/-0.3ppm
C = -40 to +85°C; +/-0.5ppm
X = custom spec.
R1 = external resistor
V5 = voltage 5V
Y
= custom spec.
O
C
O
X
20 MHz
Oscillator output
frequency
Oscillator Version
V = low power voltage 5V
STANDARD FREQUENCIES (MHz)
10.0000
12.8000
16.0000
16.3840
19.4400
20.0000
40.0000


Similar Part No. - OCXOV

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
OCXOVS MICROCRYSTAL-OCXOVS Datasheet
72Kb / 2P
Oven Controlled Crystal Oscillator
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
Oven Controlled Crystal Oscillator
logo
Golledge Electronics Lt...
OCXOVST GOLLEDGE-OCXOVST Datasheet
143Kb / 2P
5.0V OCXO CMOS Output Stratum 3
OCXOVST GOLLEDGE-OCXOVST Datasheet
551Kb / 5P
Stratum 3 Compliant 5.0V OCXO with CMOS Output
OCXOVST/C GOLLEDGE-OCXOVST/C Datasheet
143Kb / 2P
5.0V OCXO CMOS Output Stratum 3
More results

Similar Description - OCXOV

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
Oven Controlled Crystal Oscillator
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
Oven Controlled Crystal Oscillator
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
OVEN CONTROLLED CRYSTAL OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com