Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN28837 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN28837
Description  1/2-INCH PAL TIMER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN28837 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN28837 Datasheet HTML 9Page - Texas Instruments SN28837 Datasheet HTML 10Page - Texas Instruments SN28837 Datasheet HTML 11Page - Texas Instruments SN28837 Datasheet HTML 12Page - Texas Instruments SN28837 Datasheet HTML 13Page - Texas Instruments SN28837 Datasheet HTML 14Page - Texas Instruments SN28837 Datasheet HTML 15Page - Texas Instruments SN28837 Datasheet HTML 16Page - Texas Instruments SN28837 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SN28837
1/2-INCH PAL TIMER
SOCS031B – JULY 1991
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2T1
H Counter(T1)
206 208 210
0
2
4
6
8
10
1214
16
18
2022
2426
28
30
32
34
36
38
40
42
44
Mode 1
2-MHz Burst
212
CBLK
BCP1
BCP1
Mode 2
1-MHz Burst
Mode 3
Mode 4
VD
INTGO
ABCLR
(mode 1, mode 2)
V Timing
ABIN
ABIN
(mode 1, mode 2)
H Timing
T1 = 299 ns
1 MHz (0.9554 MHz)
2 MHz (1.9107 MHz)
Always Free Running
ANTIBLOOMING MODE SELECTION
MODE
ABS0
ABS1
ABS2
ABIN OUTPUT
0
X
0
0
No ABG
1
X
1
0
2 MHz burst
2
X
0
1
1 MHz burst
3
1
1
1
1 MHz const
4
0
1
1
2 MHz const
X = Don’t care
NOTES: A. For mode 1 and mode 4, duty cycle is 4/7 high and 3/7 low.
B. Only the timing from odd field to even field is shown. The timing from even field to odd field is the same as that for odd field to even
field minus the H-to-V timing.
C. GPS is always high.
Figure 9. ABIN Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com